Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 1 Page - Diodes Incorporated

  LSP5523-R8A Datasheet HTML 1Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 2Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 3Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
1 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
3A 27V Synchronous Buck Converter
General Description
The
DIODES™ LSP5523 is a monolithic synchronous buck regulator. The device integrates 90mΩ MOSFETS
that provide 3A continuous load current over a wide operating input voltage of 4.5V to 27V. Current mode
control provides fast transient response and cycle-by-cycle current limit. An adjustable soft-start prevents
inrush current at turn on.
Features
3A Output Current
Wide 4.5V to 27V Operating Input Range
Fixed 340KHZ Frequency
Integrated Power MOSFET Switches
Output Adjustable from 0.925V to 0.8Vin
Up to 93% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Cycle by Cycle Over Current Protection
Short Circuit Protection
Input Under Voltage Lockout
Package: ESOP-8L
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Distributed power systems
Networking systems
FPGA, DSP, ASIC power supplies
Green electronics/ appliances
Notebook computers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3)
compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine
(<1500ppm total Br + Cl) and <1000ppm antimony compounds.


Similar Part No. - LSP5523-R8A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
More results

Similar Description - LSP5523-R8A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2363 MPS-MP2363 Datasheet
356Kb / 11P
3A, 27V, 365KHz Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
logo
Seaward Electronics Inc...
SE1482 SEAWARD-SE1482 Datasheet
698Kb / 9P
2A 27V Synchronous Buck Converter
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
3A 27V Synchronous Buck Converter
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com