Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
9 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Stability Compensation
COMP
R
COMP
C
COMP 1
C
COMP2
CCOMP2 is needed only for high ESR output capacitor
Figure 2. Stability Compensation
The feedback loop of the IC is stabilized by the components at the COMP pin, as shown in Figure 2. The DC
loop gain of the system is determined by the following equation:
COMP
VEA
OUT
VDC
G
A
I
V
A
925
.
0
The dominant pole P1 is due to CCOMP1:
1
1
2
COMP
VEA
EA
P
C
A
G
f
The second pole P2 is the output pole:
OUT
OUT
OUT
P
C
V
I
f
2
2 
The first zero Z1 is due to RCOMP and CCOMP1:
1
1
2
1
COMP
COMP
Z
C
R
f
And finally, the third pole is due to RCOMP and CCOMP2 (if CCOMP2 is used):
2
C O M P
C O M P
3
P
C
R
π
2
1
f
The following steps should be used to compensate the IC:
STEP1. Set the crossover frequency at 1/10 of the switching frequency via RCOMP:
V
G
G
f
C
V
R
COMP
EA
SW
OUT
OUT
COMP
925
.
0
10
2
But limit RCOMP to 10KΩ maximum. More than 10 KΩ is easy to cause overshoot at power on.
(4)
(5)
(6)
(7)
(8)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com