Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
8 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
I
nput Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at the supply input of the
converter. A low ESR Electrolytic (EC) capacitor is highly recommended. Since large current flows in and
out of this capacitor during switching, its ESR also affects efficiency.
When EC cap is used, the input capacitance needs to be equal to or higher than 100uF.The RMS ripple current
rating needs to be higher than 50% of the output current. The input capacitor should be placed close to the
VIN and GND pins of the IC, with the shortest traces possible. The input capacitor can be placed a little bit
away if a small parallel 0.1uF ceramic capacitor is placed right next to the IC.
When Vin is >15V, pure ceramic Cin (* no EC cap) is not recommended. This is because the ESR of a
ceramic cap is often too small, Pure ceramic Cin will work with the parasite inductance of the input trace and
forms a Vin resonant tank. When Vin is hot plug in/out, this resonant tank will boost the Vin spike to a very high
voltage and damage the IC.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple. In the case of ceramic
output capacitors, RESR is very small and does not contribute to the ripple. Therefore, a lower capacitance
value can be used for ceramic capacitors. In the case of tantalum or electrolytic capacitors, the ripple is
dominated by RESR multiplied by the ripple current. In that case, the output capacitor is chosen to have
sufficiently low ESR.
For ceramic output capacitors, typically choose two capacitors of about 22uF. For tantalum or electrolytic
capacitors, choose a capacitor with less than 50mΩ ESR.
Optional Schottky Diode
During the transition between high-side switch and low-side switch, the body diode of the low side power
MOSFET conducts the inductor current. The forward voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and GND pin to improve overall efficiency. Table 3 lists example
Schottky diodes and their Manufacturers.
Table 3-Diode Selection Guide
Vin max
Part Number
Voltage/Current
Rating
Vendor
<20V
B130
30V, 1A
Diodes Incorporated
<20V
SK13
30V, 1A
Diodes Incorporated
>20V
B140
40V, 1A
Diodes Incorporated
>20V
SK14
40V, 1A
Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com