Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 3Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
7 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Output Voltage Setting
FB
R1
R2
V
O U T
Figure1. Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the two feedback
resistors R1 and R2 based on the output voltage. Typically, use R2 ≈ 10KΩ and determine R1 from the
following equation:
Table1- Recommended Resistance Values
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is
dependent on the inductance value: higher inductance reduces the peak-to-peak ripple current. The trade off
for high inductance value is the increase in inductor core size and series resistance, and the reduction in
current handling capability. In general, select an inductance value L based on the ripple current requirement:
R I P P L E
O U T M A X
SW
IN
O U T
IN
O U T
K
I
f
V
)
V
V
(
V
L
where VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, IOUTMAX is the maximum
output current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE = ~ 30% to correspond to the peak-to-
peak ripple current being ~30% of the maximum output current.
With this inductor value, the peak inductor current is IOUT • (1 + KRIPPLE / 2). Make sure that this peak inductor
current is less than the upper switch current limit. Finally, select the inductor core size so that it does not
saturate at the current limit. Typical inductor values for various output voltages are shown in Table 2.
VOUT
1.0V 1.2V 1.5V 1.8V 2.5V 3.3V
5V
9V
L
4.7uH 4.7uH 10uH 10uH 10uH 10uH 10uH 22uH
Table 2. Typical Inductor Values
VOUT
R1
R2
1.0V
1.0 KΩ
12 KΩ
1.2V
3.0 KΩ
10 KΩ
1.8V
9.53 KΩ
10 KΩ
2.5V
16.9 KΩ
10 KΩ
3.3V
26.1 KΩ
10 KΩ
5V
44.2 KΩ
10 KΩ
12V
121 KΩ
10 KΩ
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com