Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 17 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 14Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 15Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 16Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
17 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
IMPORTANT NOTICE
1.
DIODES INCORPORATED (Diodes) AND ITS SUBSIDIARIES MAKE NO WARRANTY OF ANY KIND, EXPRESS OR
IMPLIED, WITH REGARDS TO ANY INFORMATION CONTAINED IN THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE
IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE OR NON-INFRINGEMENT OF THIRD
PARTY INTELLECTUAL PROPERTY RIGHTS (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
2.
The Information contained herein is for informational purpose only and is provided only to illustrate the operation of Diodes
’
products described herein and application examples. Diodes does not assume any liability arising out of the application or use of this
document or any product described herein. This document is intended for skilled and technically trained engineering customers and users
who design with Diodes’ products. Diodes’ products may be used to facilitate safety-related applications; however, in all instances
customers and users are responsible for (a) selecting the appropriate Diodes products for their applications, (b) evaluating the suitability
of Diodes’ products for their intended applications, (c) ensuring their applications, which incorporate Diodes’ products, comply the
applicable legal and regulatory requirements as well as safety and functional-safety related standards, and (d) ensuring they design with
appropriate safeguards (including testing, validation, quality control techniques, redundancy, malfunction prevention, and appropriate
treatment for aging degradation) to minimize the risks associated with their applications.
3.
Diodes assumes no liability for any application-related information, support, assistance or feedback that may be provided by
Diodes from time to time. Any customer or user of this document or products described herein will assume all risks and liabilities associated
with such use, and will hold Diodes and all companies whose products are represented herein or
on Diodes’ websites, harmless against
all damages and liabilities.
4.
Products described herein may be covered by one or more United States, international or foreign patents and pending patent
applications. Product names and markings noted herein may also be covered by one or more United States, international or foreign
trademarks and trademark applications. Diodes does not convey any license under any of its intellectual property rights or the rights of
any third parties (including third parties whose
products and services may be described in this document or on Diodes’ website) under
this document.
5.
Diodes’
products
are
provided
subject
to
Diodes’
Standard
Terms
and
Conditions
of
Sale
(https://www.diodes.com/about/company/terms-and-conditions/terms-and-conditions-of-sales/) or other applicable terms. This document
does not alter or expand the applicable warranties provided by Diodes. Diodes does not warrant or accept any liability whatsoever in
respect of any products purchased through unauthorized sales channel.
6.
Diodes’ products and technology may not be used for or incorporated into any products or systems whose manufacture, use or
sale i
s prohibited under any applicable laws and regulations. Should customers or users use Diodes’ products in contravention of any
applicable laws or regulations, or for any unintended or unauthorized application, customers and users will (a) be solely responsible for
any damages, losses or penalties arising in connection therewith or as a result thereof, and (b) indemnify and hold Diodes and its
representatives and agents harmless against any and all claims, damages, expenses, and attorney fees arising out of, directly or indirectly,
any claim relating to any noncompliance with the applicable laws and regulations, as well as any unintended or unauthorized application.
7.
While efforts have been made to ensure the information contained in this document is accurate, complete and current, it may
contain technical inaccuracies, omissions and typographical errors. Diodes does not warrant that information contained in this document
is error-free and Diodes is under no obligation to update or otherwise correct this information. Notwithstanding the foregoing, Diodes
reserves the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this
document and any product described herein. This document is written in English but may be translated into multiple languages for
reference. Only the English version of this document is the final and determinative format released by Diodes.
8.
Any unauthorized copying, modification, distribution, transmission, display or other use of this document (or any portion hereof)
is prohibited. Diodes assumes no responsibility for any losses incurred by the customers or users or any third parties arising from any
such unauthorized use.
9. This Notice may be periodically updated with the most recent version available at https://www.diodes.com/about/company/terms-and-
conditions/important-notice
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.
© 2022 Diodes Incorporated. All Rights Reserved.
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com