Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 15 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 14Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 15Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 16Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
15 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Mechanical Information
(1) Package type: ESOP-8L
Unit:mm
Symbol
Min
Max
A
-
1.70
A1
-
0.15
A2
1.30
1.55
b
0.33
0.51
c
0.17
0.25
D
4.70
5.10
D1
3.10 REF
E
5.80
6.20
E1
3.70
4.10
E2
2.21 REF
e
1.27 BSC
L
0.40
1.27
L1
1.00
1.10
Gauge Plane
0.25 BSC
θ
0o
8o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com