Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 18 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 18 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 19Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 20Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 21Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 22Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
18/26
Clear Status Register
All flags (Bit 15, 11, 10, 4) in the status register can be cleared (set to zero) by sending the
command shown in Table 21
Command
Hex Code
Clear status register
0x 30 41
Table 21. Command to clear the status register (Clear blocks are controlled by the microcontroller, grey
blocks by the sensor).
4.13 Checksum Calculation
The 8-bit CRC checksum transmitted after each data word is generated by a CRC algorithm. Its
properties are displayed in Table 22. The CRC covers the contents of the two previously
transmitted data bytes. To calculate the checksum only these two previously transmitted data
bytes are used.
Property
Value
Name
CRC-8
Width
8 bit
Protected data
read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Examples
CRC (0xBEEF) = 0x92
Table 22. I2C CRC properties.
4.14 Conversion of Signal Output
Measurement data is always transferred as 16-bit values (unsigned integer). These values are
already linearized and compensated for temperature and supply voltage effects. Converting those
raw values into a physical scale can be achieved using the following formulas.
Relative humidity conversion formula (result in %RH):
������������ = (100 ∙
������������������
216 − 1
) %RH
( 1 )
������ = (−45 + 175 ∙
������������
216 − 1
) °C
( 2 )
������ = (−49 + 315 ∙
������������
216 − 1
) °F
( 3 )
SRH and ST denote the raw sensor output for humidity and temperature, respectively. The formulas
work only correctly when SRH and ST are used in decimal representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com