Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 19 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 19 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 19Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 20Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 21Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 22Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 23Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
19/26
4.15 Communication Timing
Parameter
Symbol
Conditions
Min.
Typ. Max.
Units
Comments
SCL clock frequency
fSCL
0
-
1000
kHz
Hold time (repeated)
START condition
tHD;STA
After this period,
the first
clock pulse is
generated
0.24
-
-
µs
LOW period of the
SCL clock
tLOW
0.53
-
-
µs
HIGH period of the
SCL clock
tHIGH
0.26
-
-
µs
SDA hold time
tHD;DAT
0
-
250
ns
Transmitting data
0
-
-
ns
Receiving data
SDA set-up time
tSU;DAT
100
-
-
ns
SCL/SDA rise time
tR
-
-
300
ns
SCL/SDA fall time
tF
-
-
300
ns
SDA valid time
tVD;DAT
-
-
0.9
µs
Set-up time for a
repeated START
condition
tSU;STA
0.26
-
-
µs
Set-up time for STOP
condition
tSU;STO
0.26
-
-
µs
Capacitive load on bus
line
CB
-
-
400
pF
Low level input voltage
VIL
0
-
0.3xVD
D
V
High level input
voltage
VIH
0.7xVDD
-
1xVDD
V
Low level output
voltage
VOL
3 mA sink current
-
-
0.4
V
Table
23.
Timing
specifications
for
I2C
communication,
valid
for
T =
−40 °C … 125 °C &
VDD = VDDmin
… VDDmax. The nomenclature above is according to the I2C (UM10204, Rev. 6, April 4, 2014).
[2]
Figure 4. Timing diagram for digital input/output pads. SDA directions are seen from the sensor. Bold
SDA lines are controlled by the sensor, plain SDA lines are controlled by the micro-controller. Note that
SDA valid read time is triggered by falling edge of preceding toggle.
SCL
70%
30%
tLOW
1/fSCL
tHIGH
tR
tF
SDA
70%
30%
tSU;DAT
tHD;DAT
DATA IN
tR
SDA
70%
30%
DATA OUT
tVD;DAT
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com