Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
13/26
4.5 Measurement Commands for Periodic Data Acquisition Mode
In this mode one issued measurement command yields a stream of data pairs. Each data pair
consists of one 16-bit temperature and one 16-bit humidity value (in this order).
In periodic mode different measurement commands can be selected. The corresponding 16-bit
commands are shown in Table 11. They differ with respect to repeatability (low, medium and high)
and data acquisition frequency (0.5, 1, 2, 4 & 10 measurements per second, mps). Clock stretching
cannot be selected in this mode. The data acquisition frequency and the repeatability setting
influence the measurement duration and the current consumption of the sensor. This is explained
in section 2 of this datasheet. If a measurement command is issued, while the sensor is busy with
a measurement (measurement durations see Table 5), it is recommended to issue a break
command first (see section 4.8). Upon reception of the break command the sensor abort the
ongoing measurement and enter the single shot mode.
Condition
Hex. code
Repeatability
mps
MSB
LSB
High
0.5
0x20
32
Medium
24
Low
2F
High
1
0x21
30
Medium
26
Low
2D
High
2
0x22
36
Medium
20
Low
2B
High
4
0x23
34
Medium
22
Low
29
High
10
0x27
37
Medium
21
Low
2A
e.g. 0x2130: 1 high repeatability mps - measurement per second
Table 11. Measurement commands for periodic data acquisition mode (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor). N.B.: At the highest mps setting self-heating of the sensor might
occur.
4.6 Readout of Measurement Results for Periodic Mode
Transmission of the measurement data can be initiated through the fetch data command shown in
Table 12. If no measurement data is present the I2C read header is responded with a NACK (Bit
9 in Table 12) and the communication stops. After the read-out command fetch data has been
issued, the data memory is cleared, i.e. no measurement data is present.
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com