Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
14/26
Command
Hex code
Fetch Data
0x E0 00
Table 12. Fetch Data command (Clear blocks are controlled by the microcontroller, grey blocks by the
sensor).
4.7 ART Command
The ART (accelerated response time) feature can be activated by issuing the command in Table
13. After issuing the ART command the sensor will start acquiring data with a frequency of 4 Hz.
The ART command is structurally similar to any other command in Table 11. Hence section 4.5
applies for starting a measurement, section 4.6 for reading out data and section 4.8 for stopping
the periodic data acquisition. The ART feature can also be evaluated using the Evaluation Kit EK-
H5 from Sensirion.
Command
Hex Code
Periodic Measurement with ART
0x2B32
Table 13. Command for a periodic data acquisition with the ART feature (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor).
4.8 Break command / Stop Periodic Data Acquisition Mode
The periodic data acquisition mode can be stopped using the break command shown in Table 14.
It is recommended to stop the periodic data acquisition prior to sending another command (except
Fetch Data command) using the break command. Upon reception of the break command the
sensor will abort the ongoing measurement and enter the single shot mode. This takes 1 ms.
Command
Hex Code
Break
0x3093
Table 14. Break command (Clear blocks are controlled by the microcontroller, grey blocks by the sensor).
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com