Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
12/26
Condition
Hex. code
Repeatability
Clock stretching
MSB
LSB
High
enabled
0x2C
06
Medium
0D
Low
10
High
disabled
0x24
00
Medium
0B
Low
16
e.g. 0x2C06: high repeatability measurement with clock stretching enabled
Table 10.
Measurement commands in single shot mode. The first “SCL free” block indicates a minimal waiting
time of 1 ms. (Clear blocks are controlled by the microcontroller, grey blocks by the sensor).
4.4 Readout of Measurement Results for Single Shot Mode
After the sensor has completed the measurement, the master can read the measurement results
(pair of RH&T) by sending a START condition followed by an I2C read header. The sensor will
acknowledge the reception of the read header and send two bytes of data (temperature) followed
by one byte CRC checksum and another two bytes of data (relative humidity) followed by one byte
CRC checksum. Each byte must be acknowledged by the microcontroller with an ACK condition
for the sensor to continue sending data. If the sensor does not receive an ACK from the master
after any byte of data, it will not continue sending data. The sensor will send the temperature value
first and then the relative humidity value. After having received the checksum for the humidity value
a NACK and stop condition should be sent (see Table 10).The I2C master can abort the read
transfer with a NACK condition after any data byte if it is not interested in subsequent data, e.g. the
CRC byte or the second measurement result, in order to save time. In case the user needs humidity
and temperature data but does not want to process CRC data, it is recommended to read the two
temperature bytes of data with the CRC byte (without processing the CRC data); after having read
the two humidity bytes, the read transfer can be aborted with a with a NACK.
No Clock Stretching
When a command without clock stretching has been issued, the sensor responds to a read
header with a not acknowledge (NACK), if no data is present.
Clock Stretching
When a command with clock stretching has been issued, the sensor responds to a read header
with an ACK and subsequently pulls down the SCL line. The SCL line is pulled down until the
measurement is complete. As soon as the measurement is complete, the sensor releases the
SCL line and sends the measurement results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com