Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
11/26
3.6 nRESET Pin
The nReset pin may be used to generate a reset of the sensor. A minimum pulse duration of 1 µs
is required to reliably trigger a reset of the sensor. Its function is explained in more detail in section
4.9. If not used it is recommended to leave the pin floating or to connect it to VDD with a series
resistor of R
≥ 2 kΩ. However, the nRESET pin is internally connected to VDD with a pull up resistor
of R = 50
kΩ (typ.).
4 Sensor Operation
The SHT33-DIS supports I2C fast mode (and frequencies up to 1000 kHz). Clock stretching can
be enabled and disabled through the appropriate user command. For detailed information on the
I2C protocol, refer to NXP I2C-bus specification14 [2]. After sending a command to the sensor a
minimal waiting time of 1 ms is needed before another command can be received by the sensor.
All SHT33-DIS commands and data are mapped to a 16-bit address space. Additionally, data and
commands are protected with a CRC checksum. This increases communication reliability. The 16
bits commands to the sensor already include a 3 bit CRC checksum. Data sent from and received
by the sensor is always succeeded by an 8 bit CRC.In write direction it is mandatory to transmit
the checksum, since the SHT33-DIS only accepts data if it is followed by the correct checksum. In
read direction it is left to the master to read and process the checksum.
4.1 Power-Up and Communication Start
The sensor starts powering-up after reaching the power-up threshold voltage VPOR specified in
Table 4. After reaching this threshold voltage the sensor needs the time tPU to enter idle state. Once
the idle state is entered it is ready to receive commands from the master (microcontroller). Each
transmission sequence begins with a START condition (S) and ends with a STOP condition (P) as
described in the I2C-bus specification. Whenever the sensor is powered up, but not performing a
measurement or communicating, it automatically enters idle state for energy saving. This idle state
cannot be controlled by the user.
4.2 Starting a Measurement
A measurement communication sequence consists of a START condition, the I2C write header (7-
bit I2C device address plus 0 as the write bit) and a 16-bit measurement command. The proper
reception of each byte is indicated by the sensor. It pulls the SDA pin low (ACK bit) after the falling
edge of the 8th SCL clock to indicate the reception. A complete measurement cycle is depicted in
Table 10. With the acknowledgement of the measurement command, the SHT33-DIS starts
measuring humidity and temperature.
4.3 Measurement Commands for Single Shot Data Acquisition Mode
In this mode one issued measurement command triggers the acquisition of one data pair. Each
data pair consists of one 16 bit temperature and one 16 bit humidity value (in this order). During
transmission each data value is always followed by a CRC checksum, see section 4.13. In single
shot mode different measurement commands can be selected. The 16 bit commands are shown in
Table 10. They differ with respect to repeatability (low, medium and high) and clock stretching
(enabled or disabled). The repeatability setting influences the measurement duration and thus the
overall energy consumption of the sensor. This is explained in section 2.
14
http://www.nxp.com/documents/user_manual/UM10204.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com