Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 19Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 20Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 21Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 22Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 23Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 24Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 25Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
21/26
5.3 Package Outline
Figure 6. Dimensional drawing of SHT33-DIS sensor package
Parameter
Symbol
Min
Nom.
Max
Units Comments
Package height
A
0.8
0.9
1
mm
Leadframe height
A3
-
0.2
-
mm
Pad width
b
0.2
0.25
0.3
mm
Package width
D
2.4
2.5
2.6
mm
Center pad length
D2
1
1.1
1.2
mm
Package length
E
2.4
2.5
2.6
mm
Center pad width
E2
1.7
1.8
1.9
mm
Pad pitch
e
-
0.5
mm
Pad length
L
0.25
0.35
0.45
mm
Max cavity
S
-
-
1.5
mm
Only as guidance. This value includes all
tolerances, including displacement tolerances.
Typically the opening will be smaller.
Center pad marking
T1xT2
-
0.3x45°
-
mm
indicates the position of pin 1
Table 24. Package outline.
5.4 Land Pattern
Figure 7
shows the land pattern. The land pattern is understood to be the open metal areas on the
PCB, onto which the DFN pads are soldered. The solder mask is understood to be the insulating
layer on top of the PCB covering the copper traces. It is recommended to design the solder pads
as a Non-Solder Mask Defined (NSMD) type. For NSMD pads, the solder mask opening should
provide a 60
μm to 75 μm design clearance between any copper pad and solder mask. As the pad
pitch is only 0.5 mm we recommend to have one solder mask opening for all 4 I/O pads on one
side. For solder paste printing it is recommended to use a laser-cut, stainless steel stencil with
electro-polished trapezoidal walls and with 0.1 or 0.125 mm stencil thickness. The length of the
stencil apertures for the I/O pads should be the same as the PCB pads. However, the position of
the stencil apertures should have an offset of 0.1 mm away from the center of the package. The
die pad aperture should cover about 70
– 90% of the die pad area –thus it should have a size of
about 0.9 mm x 1.6 mm. For information on the soldering process and further recommendation on
the assembly process please consult the Application Note HT_AN_SHTxx_Assembly_of_SMD_
Packages [1], which can be found on the Sensirion webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com