Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 19Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
16/26
Reset through the nReset Pin
Pulling the nReset pin low generates a reset similar to a hard reset. The nReset pin is internally
connected to VDD through a pull-up resistor and hence active low. The nReset pin has to be pulled
low for a minimum of 1 µs to generate a reset of the sensor.
Hard Reset
A hard reset is achieved by switching the supply voltage to the VDD Pin off and then on again. In
order to prevent powering the sensor over the ESD diodes, the voltage to pins 1 (SDA), 4 (SCL)
and 2 (ADDR) also needs to be removed.
4.10 Heater
The SHT33 is equipped with an internal heater, which is meant for plausibility checking only (see
commands in Table 17). The temperature increase achieved by the heater depends on various
parameters and lies in the range of a few degrees centigrade. It can be switched on and off by
command, see table below. The status is listed in the status register. After a reset the heater is
disabled (default condition).
Command
Hex Code
MSB
LSB
Heater Enable
0x30
6D
Heater Disabled
66
Table 17. Heater command (Clear blocks are controlled by the microcontroller, grey blocks by the sensor).
4.11 Serial Number
The Serial number allows for an unambiguous identification of each individual device, it is stored
in the one-time programmable (OTP) memory of the chip. Table 18 shows the command structure
to read the serial number. After issuing the measurement command and sending the ACK bit the
sensor needs the time tIDLE = 1ms to respond to the I2C read header with an ACK bit. Hence it is
recommended to wait tIDLE = 1ms before issuing the read header. The Get Serial Number command
returns two words, every word is followed by a CRC Checksum. Together the two words (SNB_3
to SNB_0 Table 18, SNB_0 is the LSB, whereas SNB_3 is the MSB) constitute a unique serial
number with a length of 32 bit. This serial number can be used to individually identify each sensor.
Command
Hex Code
Get Serial Number
0x 37 80
0x 36 82
Table 18. Command to read out the serial number (Clear block are controlled by microcontroller, grey blocks
by the sensor)
t
IDLE
9
36
SNB_3
SNB_2
CRC
Serial Number Word 1
Checksum
37
63
SNB_1
SNB_0
CRC
Serial Number Word 2
Checksum
P
SNB_3
I2C Address
Command MSB
Command LSB
16-bit command
16-bit command
I2C write header
I2C read header
I2C Address
S
W
S
R
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
24 25 26 27
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com