Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
10/26
Figure 3. Typical application circuit. Please note that the positioning of the pins does not reflect the position
on the real sensor (see Table 8).
3.3 Die Pad (center pad)
The die pad or center pad is visible from below and located in the center of the package. It is
electrically connected to VSS. Hence electrical considerations do not impose constraints on the
wiring of the die pad. However, due to mechanical reasons it is recommended to solder the center
pad to the PCB. For more information on design-
in, please refer to the document “SHTxx_STSxx
Design Guide” [3].
3.4 ADDR Pin
Through the appropriate wiring of the ADDR pin the I2C address can be selected (see Table 9 for
the respective addresses). The ADDR pin can either be connected to logic high or logic low. The
address of the sensor can be changed dynamically during operation by switching the level on the
ADDR pin. The only constraint is that the level has to stay constant starting from the I2C start
condition until the communication is finished. This allows to connect more than two SHT33-DIS
onto the same bus. The dynamical switching requires individual ADDR lines to the sensors. Please
note that the I2C address is represented through the 7 MSBs of the I2C read or write header. The
LSB switches between read or write header. The wiring for the default address is shown in Table
9 and Figure 3. The ADDR pin must not be left floating. Please note that only the 7 MSBs of the
I2C Read/Write header constitute the I2C Address.
SHT33-DIS
I2C Address in Hex. representation
Condition
I2C address A
0x44 (default)
ADDR (pin 2) connected to logic low
I2C address B
0x45
ADDR (pin 2) connected to logic high
Table 9. I2C device addresses.
3.5 ALERT Pin
The alert pin may be used to connect to the interrupt pin of a microcontroller. The output of the pin
depends on the value of the RH/T reading relative to programmable limits. Its function is explained
in a separate application note. If not used, this pin must be left floating. The pin switches high, when
alert conditions are met. The maximum driving loads are listed in Table 4. Electrical specifications,
typical values T = 25°C, min. & max. values T = −40 °C
… 125 °C. Be aware that self-heating might
occur, depending on the amount of current that flows. Self-heating can be prevented if the ALERT
Pin is only used to switch a transistor.
V
DD
RR
PP
ADDR(2)
ALERT(3)
die
pad
R(7)
SDA(1)
SCL(4)
VDD(5)
VSS(8)
nRESET(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com