Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SHT35-DIS Datasheet HTML 1Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 2Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 3Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 4Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 5Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
5/26
1.2 Temperature
Parameter
Conditions
Value
Units
SHT33 T Accuracy1
typ.
0.48
°C
max.
See Figure 2
-
Repeatability2
high
0.04
°C
medium
0.08
°C
low
0.15
°C
Resolution4
-
0.01
°C
Specified range5
-
–40 to +125
°C
Response time10
������63%
>2
s
Long-term drift
typ.
<0.01
°C/y
Table 2. General temperature sensor specifications.
1.3 Recommended Operating Conditions
The sensor shows best performance when operated within recommended normal temperature and
humidity range of 5 °C
– 60 °C and 20 %RH – 80 %RH, respectively. Long-term exposure to
conditions outside normal range, especially at high humidity, may temporarily offset the RH signal
(e.g. +3 %RH after 60 h kept at >80 %RH). After returning into the normal temperature and humidity
range the sensor will slowly come back to calibration state by itself. Prolonged exposure to extreme
conditions may accelerate ageing. To ensure stable operation of the humidity sensor, the
conditions described in the document “SHTxx Assembly of SMD Packages” [1], section “Storage
and Handling Instructions” regarding exposure to volatile organic compounds have to be met.
Please note as well that this does apply not only to transportation and manufacturing, but also to
operation of the SHT33-DIS.
10 Temperature response time depends on heat conductivity of sensor substrate and design-in of sensor in application.
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
maximal tolerance
DT (°C)
Figure 2. Maximal temperature accuracy. The green lines represent the calibration points for ISO-17025.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com