Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 15 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 15 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 14Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 15Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 16Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 17Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 18Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 19Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
15/26
4.9 Reset
A system reset of the SHT33-DIS can be generated externally by issuing a command (soft reset)
or by sending a pulse to the dedicated reset pin (nReset pin). Additionally, a system reset is
generated internally during power-up. During the reset procedure the sensor will not process
commands. In order to achieve a full reset of the sensor without removing the power supply, it is
recommended to use the nRESET pin of the SHT33-DIS.
Interface Reset
If communication with the device is lost, the following signal sequence will reset the serial interface:
While leaving SDA high, toggle SCL nine or more times. This must be followed by a Transmission
Start sequence preceding the next command. This sequence resets the interface only. The status
register preserves its content.
Soft Reset / Re-Initialization
The SHT33-DIS provides a soft reset mechanism that forces the system into a well-defined state
without removing the power supply. When the system is in idle state the soft reset command can
be sent to the SHT33-DIS. This triggers the sensor to reset its system controller and reloads
calibration data from the memory. In order to start the soft reset procedure the command as shown
in Table 15 should be sent. It is worth noting that the sensor reloads calibration data prior to every
measurement by default.
Command
Hex Code
Soft Reset
0x30A2
Table 15. Soft reset command (Clear blocks are controlled by the microcontroller, grey blocks by the sensor).
Reset through General Call
Additionally, a reset of the sensor can also be generated using the “general call” mode according
to I2C-bus specification14. This generates a reset which is functionally identical to using the nReset
pin. It is important to understand that a reset generated in this way is not device specific. All devices
on the same I2C bus that support the general call mode will perform a reset. Additionally, this
command only works when the sensor is able to process I2C commands. The appropriate
command consists of two bytes and is shown in Table 16.
Command
Code
Address byte
0x00
Second byte
0x06
Reset command using the
general call address
0x0006
Table 16. Reset through the general call address (Clear blocks are controlled by the microcontroller, grey
blocks by the sensor).
S General Call Address
1
2
3
4
5
6
7
8
9
Reset Command
1
2
3
4
5
6
7
8
9
General Call 1st byte
General Call 2nd byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com