Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35-DIS Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT35-DIS
Description  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT35-DIS Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT35-DIS Datasheet HTML 5Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 12Page - Sensirion AG Switzerland SHT35-DIS Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
9/26
3 Pin Assignment
The SHT33-DIS comes in a 8-pin DFN package
– see Table 8.
Pin
Name
Comments
1
SDA
Serial data; input / output
2
ADDR
Address pin; input; connect to either logic high or low, do not leave
floating
3
ALERT
Indicates alarm condition; output; must be left floating if unused
4
SCL
Serial clock; input / output
5
VDD
Supply voltage; input
6
nRESET
Reset pin active low; input; if not used it is recommended to be left
floating; can be connected to VDD with a
series resistor of R ≥ 2 kΩ
7
R
No electrical function; to be connected to VSS
8
VSS
Ground
Table 8. SHT33-DIS pin assignment (transparent top view). Dashed lines are only visible if viewed from
below. The die pad is internally connected to VSS.
3.1 Power Pins (VDD,VSS)
The electrical specifications of the SHT33-DIS are shown in Table 4. The power supply pins must
be decoupled with a 100 nF capacitor that shall be placed as close to the sensor as possible
– see
Figure 3 for a typical application circuit.
3.2 Serial Clock and Serial Data (SCL, SDA)
SCL is used to synchronize the communication between microcontroller and the sensor. The clock
frequency can be freely chosen between 0 to 1000 kHz. Commands with clock stretching according
to I2C Standard13 are supported. The SDA pin is used to transfer data to and from the sensor.
Communication with frequencies up to 400 kHz must meet the I2C Fast Mode13 standard.
Communication frequencies up to 1 Mhz are supported following the specifications given in Table
23. Both SCL and SDA lines are open-drain I/Os with diodes to VDD and VSS. They should be
connected to external pull-up resistors (please refer to Figure 3. Typical application circuit. Please
note that the positioning of the pins does not reflect the position on the real sensor (see Table 8).).
A device on the I2C bus must only drive a line to ground. The external pull-up resistors (e.g.
Rp = 10 kΩ) are required to pull the signal high. For dimensioning resistor sizes please take bus
capacity and communication frequency into account (see for example section 7.1 of NXPs I2C
Manual for more details13 [2]). It should be noted that pull-up resistors may be included in I/O circuits
of microcontrollers. It is recommended to wire the sensor according to the application circuit as
shown in Figure 3.
13
http://www.nxp.com/documents/user_manual/UM10204.pdf [2]
1
2
3
4
5
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com