Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 209 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 209 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 205Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 206Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 207Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 208Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 209Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 210Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 211Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 212Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 209
KSZ9563R
TABLE 6-11:
TRIGGER OUTPUT UNIT AND TIMESTAMP INPUT UNIT TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
Trigger Output Unit Timing (Cascade Mode)
tCASP1
In cascade mode for TRIGX_CFG_1[6:4] = 100, or 101, or 110
(Neg. Edge, Pos. Edge, and Shift Reg. Output signals).
Minimum time between start of one TOU and the start of
another TOU cascaded on the same GPIO pin.
80
ns
tCASP2
In cascade mode for TRIGX_CFG_1[6:4] = 010, 011, 100, or
101 (Neg. Pulse, Pos. Pulse, Neg. Periodic, and Pos. Periodic
Output signals).
Minimum time between start of one TOU and the start of
another TOU cascaded on the same GPIO pin.
120
ns
tCYCCASP In cascade mode for TRIGX_CFG_1[6:4] = 010, and 011
(Neg. Pulse, Pos. Pulse Output signals).
In cascade mode, the cycle time of the trigger output unit oper-
ating in the indicated modes.
80
32 + PWIDTH2
ns
tCYCNC1
In cascade mode for TRIGX_CFG_1[6:4] = 100 or 101
(Neg. Periodic, Pos. periodic Output signals).
Minimum cycle time for any trigger output unit operating in the
indicated modes.
80
32 + PWIDTH2
ns
tGAP23
In cascade mode for TRIGX_CFG_1[6:4] = 010, and 011
(Neg. Pulse, Pos. Pulse Output signals):
Minimum gap time required between end of period of first trig-
ger output unit to beginning of output of 2nd trigger output unit.
80
ns
PWIDTH2
In cascade mode, the minimum low or high pulse width of the
trigger output unit.
8ns
Trigger Output Unit Timing (Non-Cascade Mode)
tCYCNC2
In non-cascade mode, the minimum cycle time for any trigger
output unit.
80
32 + PWIDTH2
ns
tPOGAP
In non-cascade mode, the minimum time between the end of
the generated pulse to the start of the next pulse.
32
ns
PWIDTH1
In non-cascade mode, the minimum low or high pulse width of
the trigger output unit.
8ns
Timestamp Input Unit Timing
IPHIGH
Allowable high time of an incoming digital waveform on any
GPIO pin.
24
ns
IPLOW
In non-cascade mode, the minimum time between the end of
the generated pulse to the start of the next pulse.
24
ns
IPCYC
In non-cascade mode, the minimum time between the end of
the generated pulse to the start of the next pulse.
48
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com