Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 72 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 72 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 68Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 72Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 73Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 74Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 75Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 226 page
background image
KSZ9563R
DS00002419D-page 72
 2017-2018 Microchip Technology Inc.
5.1.2.7
LED2_0/LED2_1 Source Register
5.1.3
GLOBAL PHY CONTROL AND STATUS REGISTERS (0x0200 - 0x02FF)
5.1.3.1
Power Down Control 0 Register
5.1.3.2
LED Strap-In Register
Address:
0x0128 - 0x012B
Size:
32 bits
Bits
Description
Type
Default
31:4
RESERVED
RO
0x0000000
3
LED2_1 Source
0 = LED2_1 outputs as LED/GPIO (configured via the LED Override Register)
1 = LED2_1 outputs the GPIO_2 source
R/W
0b
2
LED2_0 Source
0 = LED2_0 outputs as LED/GPIO (configured via the LED Override Register)
1 = LED2_0 outputs the GPIO_1 source
R/W
0b
1:0
RESERVED
RO
00b
Address:
0x0201
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
00b
5
PLL Power Down
0 = Normal operation.
1 = Disable PLL. This may be used in combination with EDPD mode – see
below.
R/W
0b
4:3
Power Management Mode
00 = Normal operation
01 = Energy Detect Power Down (EDPD) Mode
10 = Soft Power Down Mode
11 = invalid
R/W
00b
2:0
RESERVED
RO
000b
Address:
0x0210 - 0x0213
Size:
32 bits
Bits
Description
Type
Default
31:4
RESERVED
RO
0x0000000
3:0
Strap-in values of Select RXD and LED pins
[RXD2_1, RXD2_0, LED1_1, LED1_0]
RO
Note 5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com