Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 24 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 24 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 20Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 21Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 22Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 23Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 24Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 25Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 26Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 27Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 226 page
background image
KSZ9563R
DS00002419D-page 24
 2017-2018 Microchip Technology Inc.
- Set Port N (1-2), PHY Remote Loopback Register = 0x01F0
- Set Port N (1-2), PHY Basic Control Register = 0x3300
4.2
LEDs
Each PHY port has two programmable LED output pins, LEDx_0 and LEDx_1, to indicate the PHY link and activity sta-
tus. Two different LED modes are available. The LED mode can be changed individually for each PHY port by writing
to the PHY Mode bit in the PHY indirect register: MMD 2, address 0, bit 4:
•1 = Single-LED Mode
•0 = Tri-Color Dual-LED Mode (Default)
Each LED output pin can directly drive an LED with a series resistor (typically 220Ω to 470Ω). LED outputs are active-
low.
4.2.1
SINGLE-LED MODE
In single-LED mode, the LEDx_1 pin indicates the link status while the LEDx_0 pin indicates the activity status, as shown
in Table 4-2.
4.2.2
TRI-COLOR DUAL-LED MODE
In tri-color dual-LED mode, the link and activity status are indicated by the LEDx_1 pin for 1000BASE-T; by the LEDx_0
pin for 100BASE-TX; and by both LEDx_1 and LEDx_0 pins, working in conjunction, for 10BASE-T. This behavior is
summarized in Table 4-3.
TABLE 4-2:
SINGLE-LED MODE PIN DEFINITION
LED Pin
Pin State
Pin LED Definition
Link/Activity
LEDx_1
HOFF
Link Off
L
ON
Link On (any speed)
LEDx_0
H
OFF
No Activity
Toggle
Blinking
Activity (RX,TX)
TABLE 4-3:
TRI-COLOR DUAL-LED MODE PIN DEFINITION
LED Pin (State)
LED Pin (Definition)
Link/Activity
LEDx_1
LEDx_0
LEDx_1
LEDx_0
H
H
OFF
OFF
Link off
L
H
ON
OFF
1000Mbps Link / No Activity
Toggle
H
Blinking
OFF
1000Mbps Link / Activity (RX,TX)
H
L
OFF
ON
100Mbps Link / No Activity
H
Toggle
OFF
Blinking
100Mbps Link / Activity (RX,TX)
L
L
ON
ON
10Mbps Link / No Activity
Toggle
Toggle
Blinking
Blinking
10Mbps Link / Activity (RX,TX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com