Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 46 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 46 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 42Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 43Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 44Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 45Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 46Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 47Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 48Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 49Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 226 page
background image
KSZ9563R
DS00002419D-page 46
 2017-2018 Microchip Technology Inc.
Figure 4-8 shows basic organization of the ACL Table. The table has 16 entries, and each entry includes a matching
field, action field and process field. Although these fields are stored together in one table, it is important to note that for
a given table entry, the Matching, Action and Process fields generally do not form an associated group. The one excep-
tion is when the Matching Rule is in Count Mode (MD = 01 and ENB = 00). In that case, the Matching and Action fields
are used in tandem.
4.4.17.4
ACL Interrupts
The ACL filtering functions do not generate interrupts. Interrupts apply only for the Count Mode (MD = 01, ENB = 00).
The Matching Rule can be configured either to timeout if the interval between packets of a specific type (MAC address
and EtherType), or when a set number of these packets are received. There is a separate interrupt for each port. Port
specific interrupt status and masks are located in the Port Interrupt Status Register and Port Interrupt Mask Register.
The top level interrupt registers for each port are in the Global Port Interrupt Status Register and Global Port Interrupt
Mask Register.
TABLE 4-21:
ACL ACTION RULE PARAMETERS FOR COUNT MODE (MD = 01 OR ENB = 00)
Parameter
Description
COUNT[10:0]
Count value
TU
Time unit for counter.
0 = Microseconds
1 = Milliseconds
CA
Counter Algorithm.
0 = An 11-bit counter will be loaded with the count value from the list and start counting
down every unit time. An interrupt will be generated when the timer expires, i.e. the
next qualified packet has not been received within the period specified by the value.
1 = The counter is incremented with every matched packet received. An interrupt is
generated when the terminal count is reached. The count resets thereafter. Time units
are not used in this mode.
FIGURE 4-8:
ACL TABLE FORMAT
F
R
N
MD
[1:0]
ENB
[1:0]
S
/
D
E
Q
MAC ADDRESS [47:0]
TYPE [15:0]
F
R
N
MD
[1:0]
ENB
[1:0]
S
/
D
E
Q
IP ADDRESS [31:0]
IP MASK [31:0]
F
R
N
MD
[1:0]
ENB
[1:0]
S
/
D
E
Q
MAX
PORT
[15:0]
MIN
PORT
[15:0]
Resvd
(5)
PC
[1:0]
PRO
[7:0]
F
M
E
FMSK
[7:0]
FLAG
[7:0]
PM
[1:0]
PM
[1:0]
PM
[1:0]
P
[2:0]
P
[2:0]
P
[2:0]
R
P
E
R
P
E
R
P
E
RP
[2:0]
RP
[2:0]
RP
[2:0]
MM
[1:0]
MM
[1:0]
MM
[1:0]
FORWARD
[# ports]
FORWARD
[# ports]
FORWARD
[# ports]
RULESET
[15:0]
RULESET
[15:0]
RULESET
[15:0]
MATCHING Rule
ACTION Rule
PROCESS
Field
PROCESS
Field
MD = 01
ENB = 00
MD = 10
MD = 11
F
R
N
MD
[1:0]
ENB
[1:0]
S
/
D
E
Q
MAC ADDRESS [47:0]
TYPE [15:0]
COUNT[10:0]
TU
RULESET
[15:0]
MD = 01
ENB != 00
CA unu
sed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com