Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 17Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 18Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 19Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 20Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 21Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 22Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 23Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 24Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 21
KSZ9563R
• For 10BASE-T/Te, pre-emphasis is used to extend the signal quality through the cable.
4.1.7
AUTO-NEGOTIATION
The device conforms to the auto-negotiation protocol as described by IEEE 802.3. Auto-negotiation allows each port to
operate at either 10BASE-T/Te, 100BASE-TX or 1000BASE-T by allowing link partners to select the best common mode
of operation. During auto-negotiation, the link partners advertise capabilities across the link to each other and then com-
pare their own capabilities with those they received from their link partners. The highest speed and duplex setting that
is common to the two link partners is selected as the mode of operation. Auto-negotiation is also used to negotiate sup-
port for Energy Efficient Ethernet (EEE) via the next page feature.
The following list shows the speed and duplex operation mode from highest to lowest.
• Priority 1: 1000BASE-T, full-duplex
• Priority 2: 1000BASE-T, half-duplex
• Priority 3: 100BASE-TX, full-duplex
• Priority 4: 100BASE-TX, half-duplex
• Priority 5: 10BASE-T/Te, full-duplex
• Priority 6: 10BASE-T/Te, half-duplex
If auto-negotiation is not supported or the KSZ9563R link partner is forced to bypass auto-negotiation for 10BASE-T/Te
and 100BASE-TX modes, the KSZ9563R port sets its operating mode by observing the signal at its receiver. This is
known as parallel detection, and allows the KSZ9563R to establish a link by listening for a fixed signal protocol in the
absence of the auto-negotiation advertisement protocol.
The auto-negotiation link-up process is shown in Figure 4-1.
FIGURE 4-1:
AUTO-NEGOTIATION AND PARALLEL OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com