Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 81 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 81 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 77Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 78Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 79Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 80Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 81Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 82Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 83Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 84Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 81
KSZ9563R
5.1.4.19
Address Lookup Table Entry Index 2 Register
5.1.4.20
Unknown Unicast Control Register
The following three registers control forwarding of packets with 1) unknown unicast destination address, 2) unknown
multicast destination address, and 3) unknown VLAN ID.
If a received packet falls into more than one of these categories, the precedence is:
1.
Unknown VID
2.
Unknown Unicast
3.
Unknown Multicast
Address:
0x031A - 0x031B
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
0000_00
9:0
CPU Access Index
Whenever there is an external read or write to the Address Lookup Table,
the bucket address of the access is reported here.
RO
0x000
Address:
0x0320 - 0x0323
Size:
32 bits
Bits
Description
Type
Default
31
Unknown Unicast Packet Forward
1 = Enable forwarding of unknown unicast packets to the ports specified
below
0 = Disable unknown unicast packet forwarding
R/W
0b
30:3
RESERVED
RO
0x0000000
2
Unknown Unicast Forwarding Port 3
1 = Forward unknown unicast packets to port 3
0 = Do not forward to that port
R/W
0b
1
Unknown Unicast Forwarding Port 2
1 = Forward unknown unicast packets to port 2
0 = Do not forward to that port
R/W
0b
0
Unknown Unicast Forwarding Port 1
1 = Forward unknown unicast packets to port 1
0 = Do not forward to that port
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com