Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 67 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 67 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 63Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 64Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 65Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 66Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 67Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 68Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 67
KSZ9563R
5.1.1.8
Global Interrupt Mask Register
This register enables the interrupts in the Global Interrupt Status Register.
5.1.1.9
Global Port Interrupt Status Register
This register provides the top level interrupt status for the individual ports. These interrupts are enabled in the Global
Port Interrupt Mask Register. Refer to the Port Interrupt Status Register for detailed port interrupt status.
Address:
0x0014 - 0x0017
Size:
32 bits
Bits
Description
Type
Default
31
Lookup Engine (LUE) Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
30
GPIO Pin Output Trigger and Timestamp Unit Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
29:0
RESERVED
RO
-
Address:
0x0018 - 0x001B
Size:
32 bits
Bits
Description
Type
Default
31:3
RESERVED
RO
-
2
Port 3 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
1
Port 2 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
0
Port 1 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com