Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 59 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 59 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 55Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 56Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 57Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 58Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 59Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 60Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 61Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 62Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 59
KSZ9563R
While in RMII Normal Mode, the port will require an external 50MHz signal to be input to TX_CLK/REFCLKI from an
external source. This mode is selected by strapping the LED2_0 pin high during reset.
While in RMII Clock Mode, the port will output a 50MHz clock on RX_CLK/REFCLKO, which is derived from the 25MHz
crystal or oscillator attached to the XI clock input. The TX_CLK/REFCLKI input is unused in this mode. This mode is
selected by strapping the LED2_0 pin low during reset.
Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional configuration strap information.
Table 4-29 describes the signals used by the RMII interface. Refer to the RMII specification for full details on the signal
descriptions.
Port 3 in RMII mode may connect to either an external MAC device (such as a host processor) or to an external PHY;
but unlike MII, RMII does not provide separate PHY and MAC modes of operation. However, it is necessary to connect
the pins properly.
TABLE 4-29:
RMII SIGNAL DESCRIPTIONS
RMII Signal
Name
(per spec)
RMII Signal
(per KSZ9563R)
Pin Direction
(with respect to
PHY, KSZ9563R)
Pin Direction
(with respect to
MAC)
RMII Signal Description
REF_CLK
REFCLKI
Input
Input or Output
Synchronous 50MHz reference clock,
when port is in RMII Normal Mode
n/a
REFCLKO
Output
Input
Synchronous 50MHz reference clock,
when port is in RMII Clock Mode
TX_EN
TX_EN
Input
Output
Transmit Enable
TXD[1:0]
TXD[1:0]
Input
Output
Transmit Data Bit [1:0]
CRS_DV
CRS_DV
Output
Input
Carrier Sense / Receive Data Valid
RX_ER
RX_ER
Output
Input or
not required
Receive Error
RXD[1:0]
RXD[1:0]
Output
Input
Receive Data Bit [1:0]
TABLE 4-30:
RMII CONNECTION TO EXTERNAL MAC
RMII Interface Signals Description
KSZ9563R Signals
External MAC Device Signals
Transmit Enable
TX_EN (input)
TX_EN (output)
Transmit Data Bits [1:0]
TXD[1:0] (input)
TXD[1:0] (output)
Reference Clock
REFCLKI (input)
or REFCLKO (output)
REF_CLK
(input or output)
Carrier Sense Data Valid
CRS_DV (output)
CRS_DV (input)
Receive Error
RX_ER (output)
RX_ER (input)
Receive Data Bits [1:0]
RXD[1:0] (output)
RXD[1:0] (input)
TABLE 4-31:
RMII CONNECTION TO EXTERNAL PHY
RMII Interface Signals Description
KSZ9563R Signals
External PHY Device Signals
Transmit Enable
RX_DV (output)
TX_EN (input)
Transmit Data Bits [1:0]
RXD[1:0] (output)
TXD[1:0] (input)
Reference Clock
REFCLKI (input)
or REFCLKO (output)
REF_CLK
(input or output)
Carrier Sense Data Valid
TX_EN (input)
CRS_DV (output)
Receive Error
No connection
RX_ER (output)
Receive Data Bits [1:0]
TXD[1:0] (input)
RXD[1:0] (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com