Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 16 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 16 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 12Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 13Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 14Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 15Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 16Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 17Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 18Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 19Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 226 page
background image
KSZ9563R
DS00002419D-page 16
 2017-2018 Microchip Technology Inc.
3.2.1
CONFIGURATION STRAPS
The KSZ9563R utilizes configuration strap pins to configure the device for different modes. These strap pins are con-
figured by using external pull-up/down resistors to create a high or low state on the pins which are sampled at the end
of a device power-up or software reset cycle. They are also latched when powering-up from a hardware or software
power-down or hardware reset state (rising edge of RESET_N). The configuration strap pins and their associated func-
tions are detailed in Table 3-3.
+1.2V
Digital Power
DVDDL
P
+1.2V Digital Power
Ground
GND
GND
Ground (pins and pad)
TABLE 3-3:
CONFIGURATION STRAP DESCRIPTIONS
Configuration
Strap Pin
Description
LED1_0
Switch Enable at Startup
0: Start Switch is disabled. The switch will not forward packets until the Start Switch bit is set
in the Switch Operation Register.
1: Start Switch is enabled. The switch will forward packets immediately after reset. (Default)
LED1_1
In-Band Management (IBA)
0: Enable In-Band Management
1: Disable In-Band Management (Default)
LED2_0
Port 3 (MAC) MII/RMII Mode
0: MII: PHY Mode
RMII: Clock Mode. RMII 50MHz reference clock is output on REFCLKO.
RGMII: IBS is disabled
1: MII: MAC Mode (Default)
RMII: Normal Mode. RMII 50MHz reference clock is input on REFCLKI.
RGMII: IBS is enabled
LED2_1
Port 3 (MAC) Speed Select
0: 1000Mbps Mode
1: 100Mbps Mode (Default)
RXD3, RXD2
[RXD3, RXD2]: Port 3 (MAC) xMII Mode
00: MII (Default)
01: RMII
10: RESERVED
11: RGMII
RXD1, RXD0
[RXD1, RXD0]: Serial Interface Mode
00: MIIM (Default)
01: I2C
1x: SPI
RX_ER, PME_N
[RX_ER, PME_N]: Ports 1 and 2 (PHY) Configuration
00: RESERVED
01: Auto-negotiation enable with EEE (Default)
10: Auto-negotiation disabled (Force 100Mbps, full-duplex mode), and Auto-MDIX disable
(set to MDI-X mode)
11: Auto-negotiation disabled (Force 100Mbps, full-duplex mode), and Auto-MDIX disable (set
to MDI mode)
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com