Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 73 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 73 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 72Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 73Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 74Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 75Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 76Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 73
KSZ9563R
Note 5-2
The default value of this field is determined by the associated configuration strap values. Refer to
Section 3.2.1, "Configuration Straps," on page 16 for additional information.
5.1.4
GLOBAL SWITCH CONTROL REGISTERS (0x0300 - 0x03FF)
5.1.4.1
Switch Operation Register
Note 5-3
The default value of this field is determined by the LED1_0 configuration strap value. Refer to Section
3.2.1, "Configuration Straps," on page 16 for additional information.
5.1.4.2
Switch MAC Address 0 Register
5.1.4.3
Switch MAC Address 1 Register
Address:
0x0300
Size:
8 bits
Bits
Description
Type
Default
7
Double Tag Enable
1 = Double tagging is enabled
0 = Double tagging is disabled
R/W
0b
6:2
RESERVED
RO
0x00
1
Soft Hardware Reset
When set to 1, all register settings, except strap-in options, are reset to
default values.
R/W
SC
0b
0
Start Switch
1 = Switch function is enabled
0 = Switch function is disabled; no traffic will be passed until this bit is set
R/W
Note 5-3
Address:
0x0302
Size:
8 bits
Bits
Description
Type
Default
7:0
MAC Address [47:40]
This register, along with the Switch MAC Address 1-5 Registers, define the
switch’s MAC address to be used as the source address in MAC pause
control frames, and for self-address filtering.
R/W
0x00
Address:
0x0303
Size:
8 bits
Bits
Description
Type
Default
7:0
MAC Address [39:32]
R/W
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com