Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 69 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 69 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 65Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 66Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 67Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 68Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 72Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 69
KSZ9563R
5.1.2.2
In-Band Management (IBA) Control Register
This register controls the In-Band Access (IBA) feature.
Note 5-1
The default value of this field is determined by the associated configuration strap value. Refer to
Section 3.2.1, "Configuration Straps," on page 16 for additional information.
Address:
0x0104 - 0x0107
Size:
32 bits
Bits
Description
Type
Default
31
IBA Enable
The initial value is strapped in from the LED1_1 pin, but with the polarity
reversed..
0 = Disabled
1 = Enabled
R/W
Note 5-1
30
IBA Destination MAC Address Match Enable
Set this bit to enable checking of the destination MAC address in received
IBA frames against the switch MAC address in the Switch MAC Address 0
Register through Switch MAC Address 5 Register. Non-matching frames are
discarded.
When not enabled, the MAC address is not checked.
R/W
0b
29
IBA Reset
Set this bit to initialize the IBA state machine. This bit is self-clearing.
R/W
SC
0b
28:24
RESERVED
RO
0x00
23:22
Priority Queue for IBA response
Specifies the transmit priority queue for the IBA response frame. Typically
this value is not changed.
R/W
01b
21:19
RESERVED
RO
00_0b
18:16
Port used for IBA communication
000 = Port 1
001 = Port 2
010 = Port 3
011-111 = Reserved
R/W
000b
15:0
TPID (EtherType) value for IBA frame header
R/W
0x40FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com