Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 10 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 10 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 6Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 7Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 8Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 9Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 10Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 11Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 12Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 13Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 226 page
background image
KSZ9563R
DS00002419D-page 10
 2017-2018 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS AND CONFIGURATION
3.1
Pin Assignments
The device pin diagram for the KSZ9563R can be seen in Figure 3-1. Table 3-1 provides a KSZ9563R pin assignment
table. Pin descriptions are provided in Section 3.2, "Pin Descriptions".
FIGURE 3-1:
PIN ASSIGNMENTS (TOP VIEW)
Note:
When an “_N” is used at the end of the signal name, it indicates that the signal is active low. For example,
RESET_N indicates that the reset signal is active low.
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec-
tion 3.2, "Pin Descriptions". A description of the buffer types is provided in Table 1-2, "Buffer Types".
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field .
(Connect exposed pad to ground with a via field)
VSS
KSZ9563R
64-VQFN
(Top View )
5
6
7
8
9
10
11
12
44
43
42
41
40
39
38
37
AVDDH
TXRX1M_D
TXRX2P_A
TXRX2M_A
AVDDL
TXRX2P_B
TXRX2M_B
TXRX2P_C
RESET_N
INTRP_N
LED2_1
VDDIO
TX_ER
TX_EN/TX_CTL
LED2_0
PME_N
3
4
13
14
36
35
46
45
TXRX1P_D
AVDDL
TXRX1M_C
TXRX1P_C
DVDDL
GPIO_2
GPIO_1
DVDDL
1
2
TXRX1M_B
TXRX1P_B
16
15
AVDDL
TXRX2M_C
34
33
TX_CLK/REFCLKI
DVDDL
48
SDO
47
SDI/SDA/MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com