Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 84 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 84 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 80Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 81Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 82Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 83Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 84Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 85Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 86Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 87Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
KSZ9563R
DS00002419D-page 84
 2017-2018 Microchip Technology Inc.
5.1.4.24
Switch MAC Control 1 Register
Address:
0x0331
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
1b
6
Multicast Storm Protection Disable
1 = Multicast packets are not included in Broadcast Storm Protection
0 = Multicast packets are included in Broadcast Storm Protection
R/W
1b
5
Back Pressure Mode
1 = Use carrier sense based back pressure mode
0 = Use collision based back pressure mode. (This is the recommended
mode.)
R/W
1b
4
Flow Control and Back Pressure Fair Mode
1 = Enable fair mode. If a flow controlled ingress port and a non-flow
controlled ingress port forward traffic to the same egress port, packets from
the non-flow controlled port may be dropped.
0 = Disable fair mode. In this scenario the flow controlled port will be flow
controlled, and the non-flow controlled port will be neither flow controlled nor
packets dropped.
R/W
1b
3
No Excessive Collision Drop
If this bit is set, Alternate Back-odd Mode (bit 7 in the Switch MAC Control 0
Register) should also be set.
1 = The switch will not drop packets when 16 or more collisions occur.
0 = The switch will drop packets when 16 or more collisions occur
R/W
0b
2
Jumbo Packet Support
The programmable packet payload size limit is specified in register 0x0308 –
0x0309, up to a maximum of 9000 bytes. This bit overrides bit 1 of this
register.
1 = Enable support for jumbo packets
0 = Disable
R/W
0b
1
Legal Maximum Packet Size Check Disable
1 = Accept packets up to 2000 bytes in size.
0 = Accept only standard size packets, up to 1522 bytes for tagged packets,
or 1518 bytes for untagged packets. Larger packets will be dropped.
R/W
0b
0
Pass Short Packet
1 = Accept packets between 32 and 64 bytes in size.
0 = Accept only standard size packets, at least 64 bytes. Smaller packets are
dropped.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com