Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 104 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 104 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 100Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 101Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 102Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 103Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 104Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 105Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 106Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 107Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 226 page
background image
KSZ9563R
DS00002419D-page 104
 2017-2018 Microchip Technology Inc.
5.1.5.9
Static Address and Reserved Multicast Table Control Register
This register provides control and index for reading and writing the Static Address Table and the Reserved Multicast
Table. The ALU / Static Address Table Entry 1 Register, ALU / Static Address / Reserved Multicast Table Entry 2 Reg-
ister, ALU / Static Address Table Entry 3 Register, and ALU / Static Address Table Entry 4 Register are used for the
Static Address Table entry values, while only the ALU / Static Address / Reserved Multicast Table Entry 2 Register is
used for the Reserved Multicast Table entry value. Refer to Section 5.3.2, "Static Address Table," on page 185 and Sec-
tion 5.3.3, "Reserved Multicast Address Table," on page 187 for additional information on these tables.
Address:
0x041C - 0x041F
Size:
32 bits
Bits
Description
Type
Default
31:22
RESERVED
RO
0x000
21:16
TABLE_INDEX
Bits [21:16] used to index the Reserved Multicast Table
Bits [19:16] used to index the Static Address Table
R/W
00_0000b
15:8
RESERVED
RO
0x00
7
START_FINISH
1 = Start access
0 = Access is finished
R/W, SC
0b
6:2
RESERVED
R/W
000_00b
1
TABLE_SELECT
Specifies which table is being accessed
1 = Access Reserved Multicast Table
0 = Access Static Address Table
R/W
0b
0
ACTION
Specifies the action to be taken for the table
1 = Read
0 = Write
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com