Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 115 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 115 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 111Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 112Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 113Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 114Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 115Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 116Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 117Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 118Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 115
KSZ9563R
5.1.6.18
Trigger Output Unit Target Time Nanosecond Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
5.1.6.19
Trigger Output Unit Target Time Second Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
1
Event Timestamp Input Unit Enable (TS_ENB)
1 = Enables the selected event timestamp input unit. Writing “1” to this bit will
clear the TS_EVENT_DET_CNT of the associated unit.
0 = Disables the selected event timestamp input unit. Writing “0” to this bit will
clear the TS_RDY and TS_DET_CNT_OVFL.
Note:
This field is indexed by the Timestamp Unit Index Pointer (bit 8)
value in the Global PTP Unit Index Register.
R/W
0b
0
Event Timestamp Input Unit Software Reset (TS_SW_RESET)
1 = Resets the timestamp unit to the inactive state and default settings
0 = Timestamp input unit under normal operation
Note:
This field is indexed by the Timestamp Unit Index Pointer (bit 8)
value in the Global PTP Unit Index Register.
R/W
0b
Address:
0x0530 - 0x0533
Size:
32 bits
Bits
Description
Type
Default
31:30
RESERVED
RO
000b
29:0
Trigger Target Time (ns) (TRIGGER_TARGET_TIME_NS)
This field contains the PTP event trigger output target time in nanoseconds for
the trigger unit indexed in the Global PTP Unit Index Register.
R/W
0x00000000
Address:
0x0534 - 0x0537
Size:
32 bits
Bits
Description
Type
Default
31:0
Trigger Target Time (s) (TRIGGER_TARGET_TIME_S)
This field contains the PTP event trigger output target time in seconds for the
trigger unit indexed in the Global PTP Unit Index Register.
R/W
0x00000000
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com