Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 141 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 141 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 137Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 138Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 139Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 140Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 141Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 142Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 143Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 144Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 141
KSZ9563R
5.2.2.8
PHY Auto-Negotiation Next Page Register
PHY register 0x07.
5.2.2.9
PHY Auto-Negotiation Link Partner Next Page Ability Register
PHY register 0x08.
Address:
0xN10E - 0xN10F
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
1 = Additional next page(s) will follow
0 = Last page
R/W
0b
14
Reserved
RO
0b
13
Message Page
1 = Message page
0 = Unformatted page
R/W
1b
12
Acknowledge 2
1 = Will comply with message
0 = Cannot comply with message
R/W
0b
11
Toggle
1 = Previous value of transmitted link code word equaled logic one
0 = Previous value of transmitted link code word equaled logic zero
RO
0b
10:0
Message Field
R/W
0x001
Address:
0xN110 - 0xN111
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
1 = Additional next page(s) will follow
0 = Last page
R/W
-
14
Acknowledge
1 = Successful receipt of link word
0 = No successful receipt of link word
RO
-
13
Message Page
1 = Message page
0 = Unformatted page
RO
-
12
Acknowledge 2
1 = Able to act on the information
0 = Not able to act on the information
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com