Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 3Page - STMicroelectronics STW5093 Datasheet HTML 4Page - STMicroelectronics STW5093 Datasheet HTML 5Page - STMicroelectronics STW5093 Datasheet HTML 6Page - STMicroelectronics STW5093 Datasheet HTML 7Page - STMicroelectronics STW5093 Datasheet HTML 8Page - STMicroelectronics STW5093 Datasheet HTML 9Page - STMicroelectronics STW5093 Datasheet HTML 10Page - STMicroelectronics STW5093 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7/34
STW5093
In the case of companded code only (bit CM = 1 in register CR0) a time slot assignment circuit on chip may be
used with all timing modes, allowing connection to one of the two B1 and B2 voice data channels.
Two data formats are available: in Format 1, time slot B1 corresponds to the 8 MCLK cycles following immedi-
ately the rising edge of FS, while time slot B2 corresponds to the 8 MCLK cycles following immediately time slot
B1.
In Format 2, time slot B1 is identical to Format 1. Time slot B2 appears two bit slots after time slot B1. This two
bits space is left available for insertion of the D channel data.
Data format is selected by bit FF (2) in register CR0. Time slot B1 or B2 is selected by bit TS (1) in Control Reg-
ister CR1.
Bit EN (2) in control register CR1 enables or disables the voice data transfer on DX and DR as appropriate. Dur-
ing the assigned time slot, DX output shifts data out from the voice data register on the rising edges of MCLK
in the case of delayed and non-delayed normal modes or on the falling edges of MCLK in the case of non-de-
layed reverse mode. Serial voice data is shifted into DR input during the same time slot on the falling edges of
MCLK in the case of delayed and non-delayed normal modes or on the rising edges of MCLK in the case of non-
delayed reverse mode.
DX is in the high impedance Tristate condition when in the non selected time slots.
Figure 1. Digital Interface Format (significant only for companded code)
1.1.7 Control Interface:
Control information or data is written into or read-back from STw5093 via the serial control port consisting of
control clock CCLK, serial data input CI and output CO, and Chip Select input, CS-. All control instructions re-
quire 2 bytes as listed in Table 1, with the exception of a single byte power-up/down command.
To shift control data into STw5093, CCLK must be pulsed high 8 times while CS- is low. Data on CI input is
shifted into the serial input register on the rising edge of each CCLK pulse. After all data is shifted in, the content
of the input shift register is decoded, and may indicate that a 2nd byte of control data will follow. This second
byte may either be defined by a second byte-wide CS- pulse or may follow the first contiguously, i.e. it is not
mandatory for CS- to return high in between the first and second control bytes. At the end of the 2nd control
byte, data is loaded into the appropriate programmable register. CS- must return high at the end of the 2nd byte.
(non delayed timing)
(delayed timing)
FS
FS
X
B2
B1
XX
B2
B1
MCLK
DR
DX
FORMAT 1
(non delayed timing)
(delayed timing)
FS
FS
X
B2
B1
XX
B2
B1
MCLK
DR
DX
FORMAT 2
D98TL394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com