Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 26Page - STMicroelectronics STW5093 Datasheet HTML 27Page - STMicroelectronics STW5093 Datasheet HTML 28Page - STMicroelectronics STW5093 Datasheet HTML 29Page - STMicroelectronics STW5093 Datasheet HTML 30Page - STMicroelectronics STW5093 Datasheet HTML 31Page - STMicroelectronics STW5093 Datasheet HTML 32Page - STMicroelectronics STW5093 Datasheet HTML 33Page - STMicroelectronics STW5093 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
31/34
STW5093
AUDIO CODEC APPLICATIONS
Figure 7. Application Note for Microphone Connections.
Figure 8. Application Note for VLr Connections.
Figure 9. Application Note for VFr Connections.
1K
Ω
2K
Ω
22
µF
0.47
µF
0.47
µF
4K
Ω
4K
Ω
MBIAS
MICP
MICN
STw5093
D98TL395
SINGLE ENDED MODE
1K
Ω
2K
Ω
22
µF
0.47
µF
0.47
µF
4K
Ω
4K
Ω
MBIAS
MICP
MICN
STw5093
D98TL396
1K
Ω
DIFFERENTIAL MODE
R
R
VLr+
VLr-
STw5093
D98TL397A
EP
R must be greater then 50
Ω
For highes capacitor transducers, lower R values can be used
CERAMIC RECEIVERS
(50nF)
VLr+
VLr-
STw5093
D98TL398
EP
DYNAMIC RECEIVERS
(8
Ω)
R
VFr
STw5093
D98TL409A
EP
R must be greater then 50
Ω
For highes capacitor transducers, lower R values can be used
CERAMIC RECEIVERS
(50nF)
VFr
STw5093
D98TL410
EP
DYNAMIC RECEIVERS
(30
Ω)
C=100
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com