Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 2 Page - STMicroelectronics

  STW5093 Datasheet HTML 1Page - STMicroelectronics STW5093 Datasheet HTML 2Page - STMicroelectronics STW5093 Datasheet HTML 3Page - STMicroelectronics STW5093 Datasheet HTML 4Page - STMicroelectronics STW5093 Datasheet HTML 5Page - STMicroelectronics STW5093 Datasheet HTML 6Page - STMicroelectronics STW5093 Datasheet HTML 7Page - STMicroelectronics STW5093 Datasheet HTML 8Page - STMicroelectronics STW5093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
STw5093
2/34
PIN CONNECTIONS (Top view)
BLOCK DIAGRAM
VCC
REMOUT
REMIN
MIC3+
VCCP
VLr+
VLr-
GNDP
LO
VFr
DX
DR
FS
MCLK
1
3
2
4
13
14
15
28
27
18
17
16
29
30
D98TL399
GNDA
MIC2-
MIC2+
BZ
CS-
CCLK
10
11
12
21
20
19
MIC1-
CI
922
MIC3-
MIC1+
VCCA
AUXCLK
GND
VCCIO
5
7
8
26
24
23
MBIAS
CO
625
VS & TE
MIC PREAMP
0/20dB
+ MUTE
MIC AMP
0 -> 22.5
1.5dB STEP
DE
(A)
(B)
TX FILTER
PCM ADC
RX FILTER
PCM DAC
TRANSMIT
REGISTER
REMOCON
REN,RLM,ROI,RDL
RECEIVE
REGISTER
6dB
-1
1
12dB
OE
TONE, RING
& DTMF
GENER.
& FILTER
EARA OUTPUT
0 -> -30dB,
2dB STEP
EXTA OUTPUT
RTE
SE
SI
TONE AMP
0 -> -27dB
3dB STEP
SIDETONE AMP
-12.5 -> -27.5dB
1dB STEP
CONTROL INTERFACE
µ-WIRE
CLOCK GENERATOR
& SYNCHRONIZER
INTERFACE LATCH
BUZZER
DRIVER
BE
EN
GNDP
GNDA
GND
VCCA
VCC
VCCP
LEVEL ADJUST
(PWM)
MIC3-
MIC2-
MIC1-
MIC2+
MIC1+
MIC3+
VFr
VLr-
VLr+
DX
REMOUT
REMIN
CO
DR
CI
CS-
CCLK
FS
MCLK
LO
BZ
D98TL408
PG
MICROPHONE
BIAS
MBIAS
HPB
VCCIO
AUX CLK
SLC
MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com