Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 12Page - STMicroelectronics STW5093 Datasheet HTML 13Page - STMicroelectronics STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics STW5093 Datasheet HTML 19Page - STMicroelectronics STW5093 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
STw5093
16/34
Transmit Input Selection
MIC1 or MIC2 or MIC3 or transmit mute can be selected with bits 6 and 7 (VS and TE).
Transmit gain can be adjusted within a 22.5 dB range in 1.5 dB step with Register CR5.
Sidetone Selection
Bit "SI" (5) enables or disables Sidetone circuitry. When enabled, sidetone gain can be adjusted with Register
(CR5). When Transmit path is disabled, sidetone circuit is also disabled.
Output Driver Selection
Bits OE1(4) and OE2(3) provide the selection among the earpiece output or the extra amplifier output or both
outputs muted.OE1 = 1 and OE2 = 1 is not allowed.
Ring/Tone signal selection
Bit RTE (2) provide select capability to connect on-chip Ring/Tone generator either to an extra amplifier input
or to earpiece amplifier input.
Receiver High Pass Filter Selection
Bit HPB(1) provides the selection of the receiver high pass filter cutoff frequency.
PCM receive data selection
Bits "SE" (0) provide select capability to connect received speech signal either to an extra amplifier input or to
earpiece amplifier input.
CONTROL REGISTER CR5
First byte of a READ or a WRITE instuction to Control Register CR5 is as shown in TABLE 1. Second byte is
as shown in TABLE 7.
Transmit gain selection
Transmit amplifier can be programmed for a gain from 0dB to 22.5dB in 1.5dB step with bits 4 to 7.
0 dBmO level at the output of the transmit amplifier (A reference point) is 0.492 Vrms (overload voltage is 0.707
Vrms).
Sidetone attenuation selection
Transmit signal picked up after the switched capacitor low pass filter may be fed back into both Receive ampli-
fiers.
Attenuation of the signal at the output of the sidetone attenuator can be programmed from Ä12.5dB to -27.5dB
relative to reference point A in 1 dB step with bits 0 to 3.
CONTROL REGISTER CR6
First byte of a READ or a WRITE instruction to Control Register CR6 is as shown in TABLE 1. Second byte is
as shown in TABLE 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com