Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 4 Page - STMicroelectronics

  STW5093 Datasheet HTML 1Page - STMicroelectronics STW5093 Datasheet HTML 2Page - STMicroelectronics STW5093 Datasheet HTML 3Page - STMicroelectronics STW5093 Datasheet HTML 4Page - STMicroelectronics STW5093 Datasheet HTML 5Page - STMicroelectronics STW5093 Datasheet HTML 6Page - STMicroelectronics STW5093 Datasheet HTML 7Page - STMicroelectronics STW5093 Datasheet HTML 8Page - STMicroelectronics STW5093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
STw5093
4/34
24
VCCIO
Power supply Input for the Digital I/O's.
25
CO
Control data Output: Serial control/status information is shifted out from the STw5093 on this pin
when CS- is low on the falling edges of CCLK.
26
GND
Ground: All digital signals are referenced to this pin.
27
DX
Transmit Data ouput: Data is shifted out on this pin during the assigned transmit time slots.
Elsewhere DX output is in the high impedance state. In delayed and non-delayed normal frame
synchr. modes, voice data byte is shifted out from TRISTATE output DX at the MCLK on the
rising edge of MCLK, while in non-delayed reverse frame synchr mode voice data byte is shifted
out on the falling edge of MCLK.
28
DR
Receive data input: Data is shifted in during the assigned Received time slots In delayed and
non-delayed normal frame synchr. modes voice data byte is shifted in at the MCLK frequency on
the falling edges of MCLK, while in non-delayed reverse frame synchr. mode voice data byte is
shifted in at the MCLK frequency on the rising edges of MCLK.
29
FS
Frame Sync input: This signal is a 8kHz clock which defines the start of the transmit and receive
frames. Any of three formats may be used for this signal: non delayed normal mode, delayed
mode, and non delayed reverse mode.
30
MCLK
Master Clock Input: This signal is used by the switched capacitor filters and the encoder/decoder
sequencing logic. Values must be 512 kHz, 1.536 MHz, 2.048 MHz or 2.56 MHz selected by
means of Control Register CR0. MCLK is used also to shift-in and out data.
N°
Pin
Description
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com