Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 11Page - STMicroelectronics STW5093 Datasheet HTML 12Page - STMicroelectronics STW5093 Datasheet HTML 13Page - STMicroelectronics STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics STW5093 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15/34
STW5093
Latch output control
Bit DO controls directly logical status of latch output LO: ie, a "ZERO" written in bit DO puts the output LO at
logical 1, while a "ONE" written in bit DO sets the output LO to zero.
Microwire access to B channel on receive path (1)
Bit MR (4) selects access from MICROWIRE Register CR2 to Receive path. When bit MR is set high, data writ-
ten to register CR2 is decoded each frame, sent to the receive path and data input at DR is ignored.
In the other direction, current PCM data input received at DR can be read from register CR2 each frame.
Microwire access to B channel on transmit path (1)
Bit MX (3) selects access from MICROWIRE write only Register CR3 to DX output. When bit MX is set high,
data written to CR3 is output at DX every frame and the output of PCM encoder is ignored.
MSB is always the first PCM bit shifted in or out of: STw5093.
Transmit/Receive enabling/disabling
Bit 'EN' (2) enables or disables voice data transfer on DX and DR pins. When disabled, PCM data from DR is
not decoded and PCM time-slots are high impedance on DX. Default value is disabled.
B-channel selection (1)
Bit TS(1) permits selection between B1 or B2 channels. Default value is B1 channel.
Clock Selection
Bit SLC(0) allows the selection between MCLK and AUXCLK. Default value is MCLK.
CONTROL REGISTER CR2(1)
Data sent to receive path or data received from DR input. Refer to bit MR(4) in "Control Register CR1" para-
graph.
CONTROL REGISTER CR3 (1)
DX data transmitted. Refer to bit MX(3) in "Control Register CR1" paragraph.
CONTROL REGISTER CR4
First byte of a READ or a WRITE instruction to Control Register CR4 is as shown in TABLE 1. Second byte is
as shown in TABLE 6.
(1) Significant in companded mode only
Mu 255 law
True A law even bit
inversion
A law without even bit
inversion
msb
lsb
msb
lsb
msb
lsb
Vin = + full scale
1000
000
01
01010101
1111111
Vin = 0V
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
0
1
1
1
0
1
1
1
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Vin = - full scale
0000
000
00
01010100
1111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com