Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 13Page - STMicroelectronics STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics STW5093 Datasheet HTML 19Page - STMicroelectronics STW5093 Datasheet HTML 20Page - STMicroelectronics STW5093 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17/34
STW5093
Earpiece amplifier gain selection:
Earpiece Receive gain can be programmed in 2 dB step from 0 dB to -30 dB relative to the maximum with bits
4 to 7.
0 dBmO voltage at the output of the amplifier on pin VFr is 0.9825 Vrms when 0dB gain is selected down to
30.925 Vrms when -30dB gain is selected.
Extra amplifier gain selection:
Extra Receive amplifier gain can be programmed in 2 dB step from 0 dB to -30 dB relative to the maximum with
bits 0 to 3.
0 dBmO voltage on the output of the amplifier on pins VLr+ and VLr- 1.965 Vrms when 0 dB gain is selected down
to 61.85 mVrms when -30 dB gain is selected.
CONTROL REGISTER CR7:
First byte of a READ or a WRITE instruction to Control Register CR7 is as shown in TABLE 1. Second byte is
as shown in TABLE 9.
Tone/Ring amplifier gain selection
Output level of Ring/Tone generator, before attenuation by programmable attenuator is 1.6 Vpk-pk when f1 gen-
erator is selected alone or summed with the f2 generator and 1.26 Vpk-pk when f2 generator is selected alone.
Selected output level can be attenuated down to -27 dB by programmable attenutator by setting bits 4 to 7.
Frequency mode selection
Bits 'F1' (3) and 'F2' (2) permit selection of f1 and/or f2 frequency generator according to TABLE 9.
When f1 (or f2) is selected, output of the Ring/Tone is a squarewave (or a sinewave) signal at the frequency
selected in the CR8 (or CR9) Register.
When f1 and f2 are selected in summed mode, output of the Ring/Tone generator is a signal where f1 and f2
frequency are summed.
In order to meet DTMF specifications, f2 output level is attenuated by 2dB relative to the f1 output level.
Frequency temporization must be controlled by the microcontroller.
Waveform selection
Bit 'SN' (1) selects waveform of the output of the Ring/Tone generator. Sinewave or squarewave signal can be
selected.
DTMF selection
Bit DE (0) permits connection of Ring/Tone/DTMF generator on the Transmit Data path instead of the Transmit
Amplifier output. Earpiece or extra receive output feed-back may be provided by sidetone circuitry by setting bit
SI or directly by setting bit RTE in Register CR4. Loudspeaker feed-back may be provided directly by setting bit
RTL in Register CR4.
CONTROL REGISTERS CR8 AND CR9
First byte of a READ or a WRITE instruction to Control Register CR8 or CR9 is as shown in TABLE 1. Second
byte is respectively as shown in TABLE 10 and 11.
If "standard frequency tone range" is selected, Tone or Ring signal frequency value is defined by the formula:
f1 = CR8 / 0.128 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com