Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics STW5093 Datasheet HTML 19Page - STMicroelectronics STW5093 Datasheet HTML 20Page - STMicroelectronics STW5093 Datasheet HTML 21Page - STMicroelectronics STW5093 Datasheet HTML 22Page - STMicroelectronics STW5093 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19/34
STW5093
tone range" (i.e. from 15.6Hz to 3984Hz in 15.6Hz step) according to the values described in CONTROL REG-
ISTER CR8 and CR9.
CONTROL REGISTER CR11
Bit BE(7) permits connection of a f1 squarewave PWM Ring signal, amplitude modulated or not by a f2 square-
wave signal, to buzzer driver output BZ. Bits BZ5 to BZ0 define the duty cycle of the PWM squarewave, accord-
ing to the following formula:
Duty Cycle = CR11(5 to 0) x 0.78125%
where CR11(5 to 0) is the decimal equivalent of the binary value BZ5 to BZ0.
When BE = 1, if bits F1 = 1 and F2 = 0 in register CR7, a f1 PWM ring signal is present at the buzzer output,
while if bits F1 = 1 and F2 = 1 in register CR7 the f1 PWM ring signal is also amplitude modulated by a f2 square-
wave frequency. Bit BI (6) allows to chose the logic level at which the duty cycle is referred: BI = 0 means that
duty cycle is intended as the relative width of the logic1, while BI = 1 means that duty cycle is intended as the
relative width of the logic 0. When BE = 0 (or during power down) BZ = 0 if BI = 0 or BZ = 1 if BI = 1.
Table 14. Examples of Usual Frequency Selection (Standard frequency tone range)
Description
f1 value (decimal)
Theoretic value (Hz)
Typical value (Hz)
Error%
Tone 250 Hz
Tone 330 Hz
Tone 425 Hz
Tone 440 Hz
Tone 800 Hz
Tone 1330 Hz
32
42
54
56
102
170
250
330
425
440
800
1330
250
328.2
421.9
437.5
796.9
1328.1
-.00
-.56
-.73
-.56
-.39
-.14
DTMF 697Hz
DTMF 770 Hz
DTMF 852 Hz
DTMF 941 Hz
DTMF 1209 Hz
DTMF 1336 Hz
DTMF 1477 Hz
DTMF 1633 Hz
89
99
109
120
155
171
189
209
697
770
852
941
1209
1336
1477
1633
695.3
773.4
851.6
937.5
1210.9
1335.9
1476.6
1632.8
-.24
+.44
-.05
-.37
+.16
-.01
.00
.00
SOL
LA
SI
DO
RE
MI flat
MI
FA
FA sharp
SOL
SOL sharp
LA
SI
DO
RE
MI
50
56
63
67
75
80
84
89
95
100
106
113
126
134
150
169
392
440
494
523.25
587.33
622.25
659.25
698.5
740
784
830.6
880
987.8
1046.5
1174.66
1318.5
390.6
437.5
492.2
523.5
586.0
625.0
656.3
695.3
742.2
781.3
828.2
882.9
984.4
1046.9
1171.9
1320.4
-.30
-.56
-.34
+.04
-.23
+.45
-.45
-.45
+.30
-.34
-.29
+.33
-.34
+.04
-.23
+.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com