Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 5Page - STMicroelectronics STW5093 Datasheet HTML 6Page - STMicroelectronics STW5093 Datasheet HTML 7Page - STMicroelectronics STW5093 Datasheet HTML 8Page - STMicroelectronics STW5093 Datasheet HTML 9Page - STMicroelectronics STW5093 Datasheet HTML 10Page - STMicroelectronics STW5093 Datasheet HTML 11Page - STMicroelectronics STW5093 Datasheet HTML 12Page - STMicroelectronics STW5093 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9/34
STW5093
Table 1. Programmable Register Intructions
Notes: 1. bit 7 of the address byte and data byte is always the first bit clocked into or out from: CI and CO pins when MICROWIRE serial
port is enabled.
X = reserved: write 0
2. "P" bit is Power up/down Control bit. P = 1 Means Power Down.Bit 1 indicates, if set, the presence of a second byte.
3. Bit 2 is write/read select bit.
4. Registers CR12, CR13, and CR14 are not accessible.
Function
Address byte
Data byte
7
654
32
10
Single byte Power up/down
P
X
X
X
X
X
0
X
none
Write CR0
P
000
00
1
X
see CR0 TABLE 2
Read-back CR0
P
000
01
1
X
see CR0
Write CR1
P
000
10
1
X
see CR1 TABLE 3
Read-back CR1
P
000
11
1
X
see CR1
Write Data to receive path
P
0
0
1
0
0
1
X
see CR2 TABLE 4
Read data from DR
P
0
0
1
0
1
1
X
see CR2
Write Data to DX
P
0
0
1
1
0
1
X
see CR3 TABLE 5
Write CR4
P
010
00
1
X
see CR4 TABLE 6
Read-back CR4
P
010
01
1
X
see CR4
Write CR5
P
010
10
1
X
see CR5 TABLE 7
Read-back CR5
P
010
11
1
X
see CR5
Write CR6
P
011
00
1
X
see CR6 TABLE 8
Read-back CR6
P
011
01
1
X
see CR6
Write CR7
P
011
10
1
X
see CR7 TABLE 9
Read-back CR7
P
011
11
1
X
see CR7
Write CR8
P
100
00
1
X
see CR8 TABLE 10
Read-back CR8
P
100
01
1
X
see CR8
Write CR9
P
100
10
1
X
see CR9 TABLE 11
Read-back CR9
P
100
11
1
X
see CR9
Write CR10
P
1
0
1
0
0
1
X
see CR10 TABLE 12
Read-back CR10
P
101
01
1
X
see CR10
Write CR11
P
1
0
1
1
0
1
X
see CR11 TABLE 13
Read-back CR11
P
101
11
1
X
see CR11
Write Test Register CR12
P
1
1
0
0
0
1
X
reserved
Write Test Register CR13
P
1
1
0
1
0
1
X
reserved
Write Test Register CR14
P
1
1
1
0
0
1
X
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com