Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 10Page - STMicroelectronics STW5093 Datasheet HTML 11Page - STMicroelectronics STW5093 Datasheet HTML 12Page - STMicroelectronics STW5093 Datasheet HTML 13Page - STMicroelectronics STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
STw5093
14/34
CONTROL REGISTER CR0
First byte of a READ or a WRITE instruction to Control Register CR0 is as shown in TABLE 1.
Second byte is as shown in TABLE 2.
Master Clock / Auxiliary Clock Frequency Selection
A master clock must be provided to STw5093 to activate all the functions. In the case MCLK is absent, AUXCLK
can be provide to STw5093 for activating tone or buzzer functions only.
MCLK or AUXCLK frequency can be either 512 kHz, 1.536 MHz, 2.048 MHz or 2.56 MHz..
Bit F1 (7) and F0 (6) must be set during initialization to select the correct internal divider.Default value is 512
kHz. Any clock different from the default one must be selected prior a Power-Up instruction.
Coding Law Selection
Bits MA (4) and IA (3) permit selection of Mu-255 law or A law coding with or without even bit inversion if com-
panded code (bit CM = 1) is selected. Bits MA(4) and IA(3) permit selection of 2-complement, 1-complement or
sign and magnitude if linear code (bit CM = 0) is selected.
Coding Selection
Bit CM (5) permits selection either of linear coding (14-bit) or companded coding (8-bit). Default value is linear
coding.
Digital Interface format (1)
Bit FF(2) = 0 selects digital interface in Format 1 where B1 and B2 channel are consecutive. FF=1 selects For-
mat 2 where B1 and B2 channel are separated by two bits. (See digital interface format section.)
56+8 selection (1)
Bit 'B7' (1) selects capability for STw5093 to take into account only the seven most significant bits of the PCM
data byte selected.
When 'B7' is set, the LSB bit on DR is ignored and LSB bit on DX is high impedance. This function allows con-
nection of an external "in band" data generator directly connected on the Digital Interface.
Digital loopback
Digital loopback mode is entered by setting DL bit(0) equal 1.
In Digital Loopback mode, data written into Receive PCM Data Register from the selected received time-slot is
read-back from that Register in the selected transmit time-slot on DX.
No PCM decoding or encoding takes place in this mode. Transmit and Receive amplifier stages are muted.
CONTROL REGISTER CR1
First byte of a READ or a WRITE instruction to Control Register CR1 is as shown in TABLE 1. Second byte is
as shown in TABLE 3.
Digital Interface Timing
Bit DM1(7) = 0 selects digital interface in delayed timing mode, while DM1 = 1 and DM0 = 0 selects non-delayed
normal data timing mode, and DM1 = 1 and DM0 = 1 selects non-delayed reverse data timing mode.Default is
delayed data timing.
(1) Significant in companded mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com