Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics STW5093 Datasheet HTML 16Page - STMicroelectronics STW5093 Datasheet HTML 17Page - STMicroelectronics STW5093 Datasheet HTML 18Page - STMicroelectronics STW5093 Datasheet HTML 19Page - STMicroelectronics STW5093 Datasheet HTML 20Page - STMicroelectronics STW5093 Datasheet HTML 21Page - STMicroelectronics STW5093 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
STw5093
18/34
and
f2 = CR9 / 0.128 Hz
where CR8 and CR9 are decimal equivalents of the binary values of the CR8 and CR9 registers respectively.
Thus, any frequency between 7.8 Hz and 1992 Hz may be selected in 7.8 Hz step.
If "halved frequency tone range"is selected, Tone or Ring signal frequency value is defined by the formula:
f1 = CR8 / 0.256 Hz
and
f2 = CR9 / 0.256 Hz
This any frequency between 3.9Hz and 996Hz may be selected in 3.9Hz step.
If "doubled frequency tone range"is selected, Tone or Ring signal frequency value is defined by the formula:
f1 = CR8 / 0.064 Hz
and
f2 = CR9 / 0.064 Hz
Thus any frequency between 15.6Hz and 3984Hz may be selected in 15.6Hz step.
TABLE 12 gives examples for the main frequencies usual for Tone or Ring generation.
CONTROL REGISTER CR10
Remocon Function Enable
Bit REN(7) enables or disables the RemoconFunction. Default value is disabled.
Remocon Mode Selection
Bit RLM(6) is used to select between a transparent pressed button information and a latched pressed button
information at REMOUT. In both cases a debounce circuit (50ms max.) is active.
Remocon Output Inversion
Bit ROI(5) is used to invert or not the information at REMOUT. Default value is not inverted (i.e. pressed button
information is a logic 1 at REMOUT.
Remocon Detection Latch
Bit RDL(4) is set by the internal Remocon Function logic, after the debounce time, when a low level on REMIN
is detected. It can be reset by the mP writing CR10.
Preamplifier Gain Selection
Bit PG(3) provides the selection between 0dB and 20dB gain of the preamplifier. Default value is 20dB.
Microphone Bias Disabling/Enabling
Bit MB (2) enables or disables a switch for microphone biasing.
Default value is disabled.
Tone Frequency Range Selection
Bit DFT(1) and HFT(0) permits the selection among "standard frequency tone range" (i.e. from 7.8Hz to 1992Hz
in 7.8Hz step), "halved frequency tone range" (i.e. from 3.9Hz to 996Hz in 3.9Hz step), and "doubled frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com