Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW5093
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW5093 Datasheet HTML 7Page - STMicroelectronics STW5093 Datasheet HTML 8Page - STMicroelectronics STW5093 Datasheet HTML 9Page - STMicroelectronics STW5093 Datasheet HTML 10Page - STMicroelectronics STW5093 Datasheet HTML 11Page - STMicroelectronics STW5093 Datasheet HTML 12Page - STMicroelectronics STW5093 Datasheet HTML 13Page - STMicroelectronics STW5093 Datasheet HTML 14Page - STMicroelectronics STW5093 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11/34
STW5093
Table 4. Control Register CR2 Functions
(1) Significant in companded mode only.
Table 5. Control Registers CR3 Functions
(1) Significant in companded mode only.
Table 6. Control Register CR4 Functions
*:
state at power on initialization
7654
3210
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
Data sent to Receive path or Data received from DR input (1)
7654
3210
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
DX data transmitted (1)
7654
3210
Function
VS
TE
SI
OE1
OE2
RTE
HPB
SE
0
0
1
1
0
1
0
1
Transmit input muted
*
MIC1 Selected
MIC2 Selected
MIC3 Selected
0
1
Internal sidetone disabled
*
Internal sidetone enabled
0
0
1
1
0
1
0
1
Receive output muted
*
VFr output selected
VLr output selected
NOT ALLOWED
0
1
Ring / Tone to VFr or VLr disabled
*
Ring / Tone to VFr or VLr enabled
0
1
Receive High Pass filter enabled
*
Receive High Pass filter disabled
0
1
Receive Signal to VFr or VLr disabled
*
Receive Signal to VFr or VLr enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com