Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 132Page - STMicroelectronics STM32U545CE Datasheet HTML 133Page - STMicroelectronics STM32U545CE Datasheet HTML 134Page - STMicroelectronics STM32U545CE Datasheet HTML 135Page - STMicroelectronics STM32U545CE Datasheet HTML 136Page - STMicroelectronics STM32U545CE Datasheet HTML 137Page - STMicroelectronics STM32U545CE Datasheet HTML 138Page - STMicroelectronics STM32U545CE Datasheet HTML 139Page - STMicroelectronics STM32U545CE Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 283 page
background image
Electrical characteristics
STM32U545xx
136/283
DS14216 Rev 1
VIN
I/O input voltage
All I/Os except FT_c and
TT_xx pins
-0.3
-
Min(min(VDD, VDDA, VDDUSB,
VDDIO2) +3.6, 5.5)(4)(5)
V
Input voltage on FT_t pins
in VBAT mode
-0.3
-
Min(min(VBAT, VDDA,
VDDUSB, VDDIO2)+ 3.6,
5.5)(4)(5)
FT_c I/Os
-0.3
-
5.0
TT_xx I/Os
-0.3
-
VDDIOx + 0.3
IIO_SW
Sum of output
current sourced by
all I/Os powered by
VSW(6)
--
-
3
mA
VCORE
Internal regulator
ON
Range 1
1.15
1.21
1.27
V
Range 2
1.05
1.1
1.15
Range 3
0.95
1.0
1.05
Range 4
0.81
0.9
0.99
fHCLK
AHB clock
frequency
Range 1
-
-
160
MHz
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
fPCLKx
(x = 1, 2, 3)
APB1, APB2,
APB3 clock
frequency
Range 1
-
-
160
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
TA
Ambient
temperature
for suffix 6
Maximum power
dissipation
–40
85
°C
Low-power dissipation(7)
–40
105
Ambient
temperature
for suffix 3
Maximum power
dissipation
–40
125
Low-power dissipation(7)
–40
130
TJ
Junction
temperature range
Suffix 6 version
–40
105
Suffix 3 version
–40
130
1. HSLV means high-speed low-voltage mode (refer to the product reference manual).
2. When RESET is released, the functionality is guaranteed down to VBORx min.
3. In VBAT mode, the functionality is guaranteed down to VBOR_VBAT min.
4. This formula has to be applied only on the power supplies related to the I/O structure described by the pin definition table.
The maximum I/O input voltage is the smallest value between Min (VDD, VDDA, VDDUSB, VDDIO2)+3.6 V, and 5.5V.
5. For operation with voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) +0.3 V, the internal pull-up and pull-down resistors
must be disabled.
Table 33. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com