Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 134Page - STMicroelectronics STM32U545CE Datasheet HTML 135Page - STMicroelectronics STM32U545CE Datasheet HTML 136Page - STMicroelectronics STM32U545CE Datasheet HTML 137Page - STMicroelectronics STM32U545CE Datasheet HTML 138Page - STMicroelectronics STM32U545CE Datasheet HTML 139Page - STMicroelectronics STM32U545CE Datasheet HTML 140Page - STMicroelectronics STM32U545CE Datasheet HTML 141Page - STMicroelectronics STM32U545CE Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 283 page
background image
Electrical characteristics
STM32U545xx
138/283
DS14216 Rev 1
VBOR0
Brownout reset threshold 0
Rising edge
1.6
1.66
1.71
V
Falling edge, range 1, 2, 3
1.58
1.64
1.69
Falling edge, range 4 and
low-power modes
1.58
1.64
1.69
VBOR1
Brownout reset threshold 1
Rising edge
1.98
2.08
2.17
Falling edge
1.9
2.00
2.1
VBOR2
Brownout reset threshold 2
Rising edge
2.18
2.29
2.39
Falling edge
2.08
2.18
2.25
VBOR3
Brownout reset threshold 3
Rising edge
2.48
2.59
2.7
Falling edge
2.39
2.5
2.61
VBOR4
Brownout reset threshold 4
Rising edge
2.76
2.88
3.0
Falling edge
2.67
2.79
2.9
VPVD0
Programmable voltage detector
threshold 0
Rising edge
2.03
2.13
2.23
Falling edge
1.93
2.03
2.12
VPVD1
PVD threshold 1
Rising edge
2.18
2.29
2.39
Falling edge
2.08
2.18
2.28
VPVD2
PVD threshold 2
Rising edge
2.33
2.44
2.55
Falling edge
2.23
2.34
2.44
VPVD3
PVD threshold 3
Rising edge
2.47
2.59
2.7
Falling edge
2.39
2.50
2.61
VPVD4
PVD threshold 4
Rising edge
2.6
2.72
2.83
Falling edge
2.5
2.62
2.73
VPVD5
PVD threshold 5
Rising edge
2.76
2.88
3.0
Falling edge
2.66
2.78
2.9
VPVD6
PVD threshold 6
Rising edge
2.83
2.96
3.08
Falling edge
2.76
2.88
3.0
Vhyst_BOR0
Hysteresis voltage of BOR0
-
-
20
-
mV
Vhyst_BOR_PVD
Hysteresis voltage of BOR
(except BOR0) and PVD
--
80
-
tBOR0_sampling
BOR0 sampling period
ULPMEN = 1
-
30
55
ms
IDD_BOR0(2)
Additional BOR0 consumption if
ULPMEN = 0 versus ULPMEN = 1
Standby mode
-
60
-
nA
IDD_BOR_PVD(2)
BOR(3) (except BOR0) and PVD
consumption from VDD(4)
--
1
1.5
µA
VBOR_VBAT
VBAT brownout reset threshold
-
1.58
-
1.65
V
Table 35. Embedded reset and power control block characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com