Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 138Page - STMicroelectronics STM32U545CE Datasheet HTML 139Page - STMicroelectronics STM32U545CE Datasheet HTML 140Page - STMicroelectronics STM32U545CE Datasheet HTML 141Page - STMicroelectronics STM32U545CE Datasheet HTML 142Page - STMicroelectronics STM32U545CE Datasheet HTML 143Page - STMicroelectronics STM32U545CE Datasheet HTML 144Page - STMicroelectronics STM32U545CE Datasheet HTML 145Page - STMicroelectronics STM32U545CE Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 283 page
background image
Table 37. Current consumption in Run mode on LDO, code with data processing
running from flash memory, ICACHE ON (1-way), prefetch ON(1)
Parameter
Conditions
Typ
Max(2)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
24
1.60
1.75
2.20
2.85
4.10
2.10
2.50
3.80
5.70
9.60
mA
16
1.20
1.30
1.75
2.40
3.65
1.70
2.00
3.30
5.30
9.10
12
0.93
1.05
1.50
2.15
3.40
1.40
1.70
3.10
5.00
8.80
4
0.40
0.54
0.96
1.60
2.90
0.72
1.20
2.50
4.40
8.30
2
0.27
0.41
0.84
1.50
2.75
0.59
1.00
2.30
4.30
8.10
1
0.21
0.35
0.78
1.45
2.70
0.52
0.93
2.30
4.20
8.10
0.4
0.17
0.31
0.74
1.40
2.65
0.47
0.88
2.20
4.20
8.00
0.1
0.15
0.29
0.72
1.35
2.65
0.45
0.86
2.20
4.10
8.00
fHCLK = PLL on HSE 16 MHz in
bypass mode,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 1
160
13.00 13.50 14.00 15.00 17.00 16.00 17.00 20.00 24.00 33.00
140
11.50 12.00 12.50 13.50 15.50 14.00 15.00 18.00 22.00 31.00
120
9.90 10.00 11.00 12.00 14.00 12.00 13.00 16.00 21.00 29.00
Range 2
110
8.35
8.60
9.20
10.00 11.50
9.80
11.00 13.00 16.00 23.00
72
5.65
5.90
6.50
7.35
8.95
6.80
7.60
9.80
13.00 20.00
64
5.10
5.30
5.90
6.80
8.35
6.20
6.90
9.10
13.00 19.00
fHCLK = fHSE bypass mode,
all peripherals and AHB/APB
disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
55
4.05
4.25
4.75
5.45
6.85
4.90
5.50
7.10
9.60
15.00
32
2.50
2.65
3.15
3.90
5.30
3.20
3.70
5.40
7.90
13.00
1. The current consumption from SRAM is similar.
2. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com