Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 191Page - STMicroelectronics STM32U545CE Datasheet HTML 192Page - STMicroelectronics STM32U545CE Datasheet HTML 193Page - STMicroelectronics STM32U545CE Datasheet HTML 194Page - STMicroelectronics STM32U545CE Datasheet HTML 195Page - STMicroelectronics STM32U545CE Datasheet HTML 196Page - STMicroelectronics STM32U545CE Datasheet HTML 197Page - STMicroelectronics STM32U545CE Datasheet HTML 198Page - STMicroelectronics STM32U545CE Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 283 page
background image
DS14216 Rev 1
195/283
STM32U545xx
Electrical characteristics
258
Multi-speed internal (MSI) RC oscillator
Table 82. MSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V
TJ = 30 °C
MSI mode
MSI range 0
(MSIRC0)
47.74
48
48.70
MHz
MSI range 1
23.87
24
24.35
MSI range 2
15.91
16
16.23
MSI range 3
11.93
12
12.17
MSI range 4
(MSIRC1)
3.98
4
4.06
MSI range 5
1.99
2
2.03
MSI range 6
1.33
1.33
1.35
MSI range 7
0.99
1
1.01
MSI range 8
(MSIRC2)
3.05
3.08
3.12
MSI range 9
1.53
1.54
1.56
MSI range 10
1.02
1.03
1.04
MSI range 11
0.76
0.77
0.78
MSI range 12
(MSIRC3)
397.68
400
405.71
kHz
MSI range 13
198.84
200
202.86
MSI range 14
132.56
133
135.24
MSI range 15
99.42
100
101.43
PLL
mode(2)
XTAL =
32.768 kHz
MSI range 0
(MSIRC0)
-
48.005
-
MHz
MSI range 1
-
24.003
-
MSI range 2
-
16.002
-
MSI range 3
-
12.001
-
MSI range 4
(MSIRC1)
-3.998
-
MSI range 5
-
1.999
-
MSI range 6
-
1.333
-
MSI range 7
-
0.999
-
MSI range 8
(MSIRC2)
-3.08
-
MSI range 9
-
1.54
-
MSI range 10
-
1.027
-
MSI range 11
-
0.77
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com